Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. UP3861P Datasheet HTML 14Page - uPI Group Inc. UP3861P Datasheet HTML 15Page - uPI Group Inc. UP3861P Datasheet HTML 16Page - uPI Group Inc. UP3861P Datasheet HTML 17Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
uP3861P
13
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Application Information
Power MOSFET Selection
External component selection is primarily determined by
the maximum load current and begins with the selection of
power MOSFET switches. The uP3861P requires two
external N-channel power MOSFETs for upper (controlled)
and lower (synchronous) switches. Important parameters
for the power MOSFETs are the breakdown voltage V
(BR)DSS,
on-resistance R
DS(ON), reverse transfer capacitance CRSS,
maximum current I
DS(MAX), gate supply requirements, and
thermal management requirements.
The gate drive voltage is powered by VCC pin that receives
10.8V~13.2V supply voltage. When operating with a 12V
power supply for VCC (or down to a minimum supply
voltage of 8V), a wide variety of NMOSFETs can be used.
Logic-level threshold MOSFET should be used if the input
voltage is expected to drop below 8V. Since the lower
MOSFET is used as the current sensing element, particular
attention must be paid to its on-resistance. Look for R
DS(ON)
ratings at lowest gate driving voltage.
Special cautions should be exercised on the lower switch
exhibiting very low threshold voltage V
GS(TH). The shoot-
through protection present aboard the uP3861P may be
circumvented by these MOSFETs if they have large
parasitic impedances and/or capacitances that would inhibit
the gate of the MOSFET from being discharged below its
threshold level before the complementary MOSFET is
turned on. Also avoid MOSFETs with excessive switching
times; the circuitry is expecting transitions to occur in under
50 nsec or so.
In high-current applications, the MOSFET power
dissipation, package selection and heatsink are the
dominant design factors. The power dissipation includes
two loss components; conduction loss and switching loss.
The conduction losses are the largest component of power
dissipation for both the upper and the lower MOSFETs.
These losses are distributed between the two MOSFETs
according to duty cycle. Since the uP3861P is operating
in continuous conduction mode, the duty cycles for the
MOSFETs are:
IN
OUT
UP
V
V
D
=
;
IN
OUT
IN
LO
V
V
V
D
=
The resulting power dissipation in the MOSFETs at
maximum output current are:
OSC
SW
IN
OUT
UP
)
ON
(
DS
2
OUT
UP
f
T
V
I
5
.
0
D
R
I
P
×
×
×
×
+
×
×
=
LO
)
ON
(
DS
2
OUT
LO
D
R
I
P
×
×
=
where TSW is the combined switch ON and OFF time.
Both MOSFETs have I2R losses and the top MOSFET
includes an additional term for switching losses, which are
largest at high input voltages. The bottom MOSFET losses
are greatest when the bottom duty cycle is near 88%,
during a short-circuit or at high input voltage. These
equations assume linear voltage current transitions and do
not adequately model power loss due the reverse-recovery
of the lower MOSFET’s body diode. Ensure that both
MOSFETs are within their maximum junction temperature
at high ambient temperature by calculating the temperature
rise according to package thermal-resistance
specifications. A separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
The gate-charge losses are dissipated by the uP3861P
and don’theat the MOSFETs. However, large gate charge
increases the switching interval, TSW that increases the
MOSFET switching losses. The gate-charge losses are
calculated as:
OSC
RSS
IN
LO
_
ISS
UP
_
ISS
CC
CC
G
f
)
C
V
)
C
C
(
V
(
V
P
×
×
+
+
×
×
=
where CISS_UP is the input capacitance of the upper
MOSFET, CISS_LO is the input capacitance of the lower
MOSFET, and CRSS_UP is the reverse transfer capacitance
of the upper MOSFET. Make sure that the gate-charge loss
will not cause over temperature at uP3861, especially with
large gate capacitance and high supply voltage.
Output Inductor Selection
Output inductor selection usually is based the
considerations of inductance, rated current, size
requirement, and DC resistance (DC)
Given the desired input and output voltages, the inductor
value and operating frequency determine the ripple current:
)
V
V
1
(
V
L
f
1
I
IN
OUT
OUT
OUT
OSC
L
×
×
×
=
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving this
requires a large inductor. There is a tradeoff between
component size, efficiency and operating frequency. A
reasonable starting point is to choose a ripple current that
is about 40% of IOUT(MAX).
There is another tradeoff between output ripple current/
voltage and response time to a transient load. Increasing
the value of inductance reduces the output ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com