Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 11 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 11 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. UP3861P Datasheet HTML 14Page - uPI Group Inc. UP3861P Datasheet HTML 15Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
uP3861P
11
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
VOUT1 2V/Div
VOUT2 2V/Div
VIN 5V/Div
VSS 2V/Div
VOUT 2V/Div
PH 10V/Div
IOUT 10A/Div
SS 2V/Div
VOUT 2V/Div
PH 10V/Div
IOUT 10A/Div
Time (4ms/Div)
V
IN = 12V, VCC = 12V, ILOAD = 2A
VOUT1 2V/Div
VOUT2 2V/Div
VSS 5V/Div
VOUT1 2V/Div
VOUT2 2V/Div
VSS 5V/Div
VOUT1 2V/Div
VOUT2 2V/Div
VIN 5V/Div
Power On Waveforms
Enable for uP3861
Time (2ms/Div)
V
IN = 12V, VCC = 12V, ILOAD = 2A
Typical Operation Characteristics
OCP
Time (4ms/Div)
SCP
Time (10ms/Div)
Disable for uP3861
Time (2ms/Div)
V
IN = 12V, VCC = 12V, ILOAD = 2A
Time (4ms/Div)
V
IN = 12V, VCC = 12V, ILOAD = 2A
Power Off Waveforms


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com