Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. UP3861P Datasheet HTML 14Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
uP3861P
10
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
s
-
t
f
o
SI
S
S
V
S
S
V
0
=4
20
36
3A
u
l
e
v
e
L
d
l
o
h
s
e
r
h
T
P
V
OV
P
V
O
g
n
i
s
i
r
B
F
V-
-3
.
1-
-V
e
m
i
T
y
a
l
e
D
P
V
O
-
-5
2-
-s
u
l
e
v
e
L
d
l
o
h
s
e
r
h
T
P
V
UV
P
V
U
V
B
F
g
n
il
l
a
f
-
-
5
5
.
0-
-V
e
m
i
T
y
a
l
e
D
P
V
U
-
-2
-
-s
u
l
e
v
e
l
P
T
O
-
-0
5
1-
-
0C
e
c
r
u
o
S
t
n
e
r
r
u
C
k
n
i
S
T
E
S
C
OI
2
/
1
T
E
S
C
O
V
2
/
1
T
E
S
C
O
V
=
C
C
3
.
0
-0
8
10
0
20
2
2A
u
e
m
i
T
y
a
l
e
D
T
E
S
C
O
-
-3
-
-s
u
Q
E
S
h
g
i
H
t
u
p
n
IH
Q
E
S6
.
2-
--
-V
w
o
L
t
u
p
n
IL
Q
E
S-
--
-4
.
0V
e
c
n
a
t
s
i
s
e
R
w
o
L
ll
u
P
Q
E
S
-
-0
0
1-
-kΩ
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25
OC on a low effective thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com