Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 1 Page - uPI Group Inc.

  UP3861P Datasheet HTML 1Page - uPI Group Inc. UP3861P Datasheet HTML 2Page - uPI Group Inc. UP3861P Datasheet HTML 3Page - uPI Group Inc. UP3861P Datasheet HTML 4Page - uPI Group Inc. UP3861P Datasheet HTML 5Page - uPI Group Inc. UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
uP3861P
1
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Dual Channel Interleaved Synchronous-Rectified
Buck Controller
The uP3861P is a compact dual-channel synchronous
rectified buck controller specifically designed to operate
with single 12V supply voltage and to deliver high quality
output voltage for high power application. The two channels
are operated with 180 degree phase interleaved. The two-
channel output voltage has power on sequence set. It
adopts external compensated voltage mode control to
tightly regulate the feedback voltage to internal 1V reference
voltage. The switching frequency is programmable from
50KHz to 400KHz, providing an optimal level of integrating
to reduce size and const of the power supply.
The uP3861P integrates MOSFET drives that supply
12V+12V bootstrapped voltage for high efficiency power
conversion. The bootstrap diode is built-in to simplify the
circuit design and minimize external part count.
Other features include under voltage lockout (UVLO), under
voltage protection ,over voltage protection (OVP) and user
programmable over temperature protection (OTP). With
aforementioned functions, this part provides customers a
compact, high efficiency, well-protected and cost-effective
solutions. This part is available in SOP-20L package.
Dual Channel Synchronous Buck PWM Controller
Operates Single with 12V Supply Voltage
Wide Output Voltage Range 1V +/- 0.8%
High-Side MOSFET’s R
DS(ON) Sensing
Programmable Frequency Range from 50 kHz to
400kHz
Voltage-Mode PWM Control
0% to 90% Duty Cycle
Shutdown and Soft-start Function
UVP Specification is Implemented at 50% of VREF
OVP Specification is Implemented at 120% of
VREF
Soft-Start
Both Channels with 180 Degree Phase shift
Integrated Boot Diode
Over-Temperature Protection
Sequence ON/OFF Controller
SOP-20L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
F
A
S
P
1
6
8
3
P
uL
0
2
-
P
O
SP
1
6
8
3
P
u
General Description
Applications
Ordering Information
Features
ATX Power Supplies
Power Supplies for Microprocessors or Subsystem
Power Supplies
Cable Modems, Set Top Boxes, and xDSL
Modems
Industrial Power Supplies; General Purpose
Supplies
5V or 12V Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
RT
FB1
SS
FB2
COMP2
COMP1
OCSET1
GND
1
2
3
4
5
6
7
813
14
15
16
17
18
19
20
VCC
BOOT1
UG1
PH1
OCSET2
BOOT2
UG2
PH2
9
10
LG1
PGND
11
12
LG2
SEQ
SOP-20L
Pin Configuration


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com