Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 5Page - uPI Group Inc. UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
uP3861P
9
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
8
.
0
1-
-2
.
3
1V
t
n
e
r
r
u
C
t
u
p
n
I
y
l
p
p
u
SI
C
C
n
e
p
O
G
L
d
n
a
G
U-
-5
0
1A
m
t
e
s
e
R
n
O
r
e
w
o
P
d
l
o
h
s
e
r
h
T
R
O
P
C
C
VV
H
T
R
C
C
V
C
C
.
g
n
i
s
i
R9
5
.
90
1V
d
l
o
h
s
e
r
h
T
R
O
P
C
C
VV
1
_
H
T
F
C
C
V
C
C
g
n
il
l
a
F5
.
70
.
85
.
8V
V
g
n
i
s
i
R
T
E
S
C
O
d
l
o
h
s
e
r
h
TV
H
T
_
T
E
S
C
O
-
-6
.
1-
-V
V
T
E
S
C
O
e
g
a
t
l
o
V
s
i
s
e
r
e
t
s
y
HV
S
Y
H
T
E
S
C
O
-
-6
.
0-
-V
r
o
t
a
l
l
i
c
s
O
y
c
a
r
u
c
c
A
y
c
n
e
u
q
e
r
F
5
1
--
-5
1
+%
y
c
n
e
u
q
e
r
F
g
n
i
n
n
u
R
e
e
r
Fc
s
o
Fn
e
p
O
=
T
R-
-0
5-
-z
H
k
e
g
n
a
R
t
n
e
m
t
s
u
j
d
A
0
5-
-0
0
4z
H
k
e
d
u
t
il
p
m
A
p
m
a
Rc
s
o
V-
-9
.
1-
-V
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
-
-0
-
-%
n
o
i
t
a
R
y
t
u
D
0-
-0
9%
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
-
-1
-
-V
e
c
n
a
r
e
l
o
T
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
8
.
0
--
-8
.
0
+%
r
e
i
f
i
l
p
m
A
r
o
r
r
E
M
W
P
n
i
a
G
p
o
o
L
n
e
p
On
i
a
GR
L
C
,
K
0
1
=
L
F
p
0
1
=0
70
8-
-B
d
h
t
d
i
w
d
n
a
B
p
o
o
L
n
e
p
OP
W
B
GR
L
C
,
K
0
1
=
L
F
p
0
1
=-
-0
1-
-z
H
M
e
t
a
R
w
e
l
SR
SR
L
C
,
K
0
1
=
L
F
p
0
1
=3
6
-
-s
u
/
V
t
n
e
r
r
u
c
t
u
p
n
i
B
FI
2
/
1
B
F
-
-1
0
.
01
.
0A
u
e
g
a
t
l
o
V
h
g
i
H
P
M
O
CV
H
_
P
M
O
C
-
-5
.
5-
-V
e
g
a
t
l
o
V
w
o
L
P
M
O
CV
L
_
P
M
O
C
-
-0
-
-V
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
C
-
-2
-
-A
m
t
n
e
r
r
u
C
k
n
i
S
P
M
O
C
-
-2
-
-A
m
r
e
v
i
r
D
E
T
A
G
e
c
n
a
d
e
p
m
I
e
c
r
u
o
S
e
t
a
G
r
e
p
p
UR
C
R
S
_
G
U
I
G
U
g
n
i
c
r
u
o
s
A
m
0
0
1
=-
-3
5
e
c
n
a
d
e
p
m
I
k
n
i
S
e
t
a
G
r
e
p
p
UR
K
N
S
_
G
U
I
G
U
g
n
i
k
n
i
s
A
m
0
0
1
=-
-1
2
e
c
n
a
d
e
p
m
I
e
c
r
u
o
S
e
t
a
G
r
e
w
o
LR
C
R
S
_
G
L
I
G
L
g
n
i
c
r
u
o
s
A
m
0
0
1
=-
-5
.
10
.
3
e
c
n
a
d
e
p
m
I
k
n
i
S
e
t
a
G
r
e
w
o
LR
K
N
S
_
G
L
I
G
L
g
n
i
k
n
i
s
A
m
0
0
1
=-
-
-2
4
y
a
l
e
D
g
n
i
s
i
R
G
L
o
t
g
n
il
l
a
F
H
PV
H
P
V
o
t
V
2
.
1
<
G
L
V
2
.
1
>-
-0
3-
-s
n
y
a
l
e
D
g
n
i
s
i
R
G
U
o
t
g
n
il
l
a
F
G
LV
G
L
V
(
o
t
V
2
.
1
<
G
U
V
-
H
P
V
2
.
1
>
)-
-0
3-
-s
n
Electrical Characteristics
(V
CC = PVCC = 12V, TA = 25
OC, unless otherwise specified)


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com