Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 2Page - uPI Group Inc. UP3861P Datasheet HTML 3Page - uPI Group Inc. UP3861P Datasheet HTML 4Page - uPI Group Inc. UP3861P Datasheet HTML 5Page - uPI Group Inc. UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
uP3861P
6
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Functional Description
Over Temperature protection (OTP)
The OTP is triggered and shuts down the uP3861P if the
junction temperature is higher than 150OC. The OTP is a
non-latch type protection. The uP3861P automatically
initiates another soft start cycle if the junction temperature
drops below 110OC.
Output Voltage Seting
The output voltage can be programmed by resistive divider
connected to the FB1/2 pin as shown in the typical
application circuit:
1
R
2
R
1
R
V
0
.
1
V
2
/
1
OUT
+
×
=
Over Current protection (OCP)
The uP3861P monitors the voltage drop across the upper
MOSFET for over-current protection (OCP). A resistor
(R
OCSET) connected between OCSET pin and the drain of
the upper MOSFET programs the OCP threshold level as
show in figure 3. An internal 200uA current source flows
through the R
OCSET1/2. Creating a voltage VOCSET1/2 at
OCSET as:
2
/
1
OCSET
IN
2
/
1
OCSET
R
uA
200
V
I
×
=
The OCP comparator compares the VOCSET1/2 and
VPHASE1/2 for over current protection when the upper
MOSFET turn on if V
PH1/2 is lower than VOCSET1/2, an
OCP is traiggered The OCP threshold level is given by:
)
ON
(
DS
2
/
1
OCSET
)
ON
(
DS
2
/
1
OCSET
2
/
1
OCSET
2
/
1
OCP
R
R
uA
200
R
R
I
I
×
=
×
=
An OCP will shut down the device and discharge the Css
with a 30uA sinking current source. When the Css is
discharged completely, another soft start cycle is initiated.
If the over current condition is not removed during the soft
start cycle, the uP3861P will shut down immediately when
another OCP is triggered. However., the Vss keeps rising
30uA current source discharges the Css. If the over current
condition is not removed, the re-soft-start cycle will repeat
3 times and then latch off uP3861P.
To avoid false trigger of OCP, variations of all parameters
in above equation should be well considered, including:
1.) The R
DS(ON) of MOSFET varies with temperature and
the gate to source voltage. Consider the highest
operation temperature and lowest gate to source
voltage.
2.) Consider the minimum I
OCSET(~180uA) and minimum
ROCSET.
3.) Consider the inductor ripple current.
4.) ROCSET is suggested to set above 1kΩ for the best
stability.
OCSET #
PHASE #
VIN
OCP #
comparator
VOUT#
200uA
COCSET
ROCSET
Figure 3. OCP Level Programming
Under Voltage Protection (UVP)
The FB1/2 voltage is monitored for under voltage protection
after soft start end is asserted. If the FB1/2 voltage is
lower than 0.5V (50% of 1V = 0.5V reference voltage), the
UVP is triggered and shuts sown the uP3861P with about
3us time delay. The uP3861P turns off both upper and lower
MOSFETs when UVP is triggered. The UVP is a latch-off
type protection and can only be reset by POR of the device.
Over Voltage Protection (OVP)
The FB1/2 voltage is monitored for over voltage protection.
If the FB1/2 voltage higher than 1.2V (120% of 1V =1.2V
reference voltage), the OVP is triggered and shuts sown
the uP3861P with about 10us time delay . The uP3861P
turn off both upper and lower MOSFETs when OVP is
triggered. The UVP is a latch-off type protection and can
only be reset by POR of the device.
Oscillation Frequency programming
The uP3861P features adjustable switching frequency by
a resistor connected to the RT pin. when the RT pin is
floating. The uP3861P operates free-running 50KHz switch
frequency. A resistor Rrt connected form RT pin to the
ground programs the oscillation frequency as:
)
k
(
R
7550
50
)
kHz
(
f
RT
OSC
+
=


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com