Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 5 Page - uPI Group Inc.

  UP3861P Datasheet HTML 1Page - uPI Group Inc. UP3861P Datasheet HTML 2Page - uPI Group Inc. UP3861P Datasheet HTML 3Page - uPI Group Inc. UP3861P Datasheet HTML 4Page - uPI Group Inc. UP3861P Datasheet HTML 5Page - uPI Group Inc. UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
uP3861P
5
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Functional Description
The uP3861P is a compact dual-channel synchronous-
rectified buck controller specifically designed to operate
with single 12V supply voltage and to deliver high quality
output voltage. The two channels are operated with 180
degree phase shift and The two-channel output voltage has
power on sequence set. It adopts external compensated
voltage mode control to tightly regulate the feedback voltage
to internal 1V. The switching frequency is programmable
from 50KHz to 400KHz, providing an optimal level of
integration to reduce size and cost of the power supply.
The uP3861P integrates MOSFET drives that support
12V+12V bootstrapped voltage for high efficiency power
conversion. The bootstrap diode is built-in to simplify the
circuit design and minimize external part count.
Other features include under-voltage protection and over-
voltage protection. With aforementioned functions, this part
provides customers a compact, high efficiency, well-
protected and cost-effective solutions.
Supply Voltage
The VCC pin receives supply input to power the control
circuit and a gate drive. This pin requires a minimum 1uF
ceramic capacitor for locally bypassing. The bypassing
capacitor should be placed physically near this pin.
An internal linear regulator regulates VCC supply voltage
into a 5.0V voltage for internal control logic circuit and a
1V reference voltage
Power-on-Reset (POR)
The uP3861P continuously monitors 1.)VCC pin voltage,
2)OCSET1/2 pin voltage for power on reset. When the
voltage on VCC and OCSET 1/2 exceeds their rising POR
threshold voltage respectively (9.5V and 1.6V ), the POR
function initiates soft-start operation. Where the voltage at
OCSET1/OCSET2 pin is equal to VIN1/VIN2 minus a fixed
voltage drop (VOCSET1/VOCSET2=VIN1/VIN2-
VROCSET1/VROCSET2).For operation with a single +12V
power source, VIN1/VIN2 and VCC are equivalent and the
+12V power source must exceed the rising VCC threshold.
With all input supplies above their POR thresholds. The
device initiates a soft-start interval.
Soft-Start/EN
The SS Pin controls the soft-start and enables/disables
the controller. Connect a soft-start capacitor from SS pin
to GND to set soft-start interval. When VCC reaches its
power-on-reset threshold (9.5V), a soft-start current source
ISS(30uA),starts to charge the capacitor. When the VSS
reaches the threshold about 1 V, the internal 1.0V reference
starts to rise and follows the Vss; the error amplifier output
(Vcomp) suddenly rises to 1.1V, which is the valley of the
triangle wave of the oscillator, leads the VOUT1/VOUT2 to
start up. The up3861P VFB1 and VFB2 have power on
sequence set by SEQ pin. When SEQ pulled GND and
than VFB2 will start up after Vss rise up to 1.4V Figure1
shows the soft-start interval. when SEQ pulled VCC and
than VFB1 will tart up after Vss rise up to 1.4V Figure2
shows the soft-start interval..
Before POR is released the SS pin is internally pulled low
to ground when POR is released, an internal 30uA current
source starts to charge Css, resulting in a linearly ramping-
up voltage Vss
.
1
I
C
2
T
4
T
1
T
3
T
T
SS
SS
SS
×
=
=
=
T0
T1
T2
VSS
VFB1
1.4V
Time
1V
VFB2
Voltage
T3
T4
Figure 1. SEQ = GND, Soft-Start Sequence
T0
T1
T2
VSS
VFB1
1.4V
Time
1V
VFB2
Voltage
T3
T4
Figure 2. SEQ = Vcc, Soft-Start Sequence


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com