Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 4 Page - uPI Group Inc.

  UP3861P Datasheet HTML 1Page - uPI Group Inc. UP3861P Datasheet HTML 2Page - uPI Group Inc. UP3861P Datasheet HTML 3Page - uPI Group Inc. UP3861P Datasheet HTML 4Page - uPI Group Inc. UP3861P Datasheet HTML 5Page - uPI Group Inc. UP3861P Datasheet HTML 6Page - uPI Group Inc. UP3861P Datasheet HTML 7Page - uPI Group Inc. UP3861P Datasheet HTML 8Page - uPI Group Inc. UP3861P Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
uP3861P
4
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Functional Block Diagram
e
m
a
Nn
o
i
t
c
n
u
F
n
i
P
2
B
F
.
t
u
p
n
I
2
k
c
a
b
d
e
e
F
e
g
a
t
l
o
V
t
u
p
t
u
O
t
c
e
n
n
o
c
.
2
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
e
h
T
.
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
g
a
t
l
o
v
a
/
S
S
n
w
o
D
t
u
h
S
.
n
w
o
D
t
u
h
S
/
g
n
i
t
t
e
S
t
r
a
t
S
t
f
o
S
p
u
-
p
m
a
r
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
a
t
c
e
n
n
o
C
V
n
e
h
w
.
e
g
a
t
l
o
v
t
u
p
t
u
o
f
o
w
e
l
s
S
S
.
C
I
e
h
t
n
w
o
d
s
t
u
h
s
V
7
.
0
w
o
l
e
b
s
ll
u
p
T
R
.
t
u
p
n
I
g
n
i
t
t
e
S
y
c
n
e
u
q
e
r
F
.
y
c
n
e
u
q
e
r
f
h
c
t
i
w
s
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
Functional Pin Description
Gate
Control
Logic
Amplifier
2
Error
Oscillator
PWM1
COMP2
BOOT1
UG1
PH1
LG1
Comparators
PWM
Soft Start
FB2
Internal
Regulator
VCC12
VREF
POR
PWM2
BOOT2
UG2
LG2
RT
SS/EN
Gate
Control
Logic
PH2
PGND
Amplifier
1
Error
VREF
COMP1
FB1
OCP 2
VREF
OCSET2
OVP 2
1.2V
UVP 2
0.5V
PGND
OCP 1
OCSET1
OVP 1
30uA
5VDD
0.5V
1.2V
IOCSET
IOCSET
UVP 1
SEQ


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com