Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 15 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 15 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. UP3861P Datasheet HTML 14Page - uPI Group Inc. UP3861P Datasheet HTML 15Page - uPI Group Inc. UP3861P Datasheet HTML 16Page - uPI Group Inc. UP3861P Datasheet HTML 17Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
uP3861P
15
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor’s ESR value is related
to the case size with lower ESR available in larger case
sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component.
In most cases, multiple electrolytic capacitors of small case
size perform better than a single large case capacitor.
Bootstrap Capacitor Selection
An external bootstrap capacitor CBOOT connected to the
BOOT pin supplies the gate drive voltage for the upper
MOSFET. This capacitor is charged through the internal
diode when the PHASE node is low. When the upper
MOSFET turns on, the PHASE node rises to VIN and the
BOOT pin rises to approximately VIN + VCC. The boot
capacitor needs to store about 100 times the gate charge
required by the upper MOSFET. In most applications 0.1uF
to 0.47uF, X5R or X7R dielectric capacitor is adequate.
PCB Layout Considerations
High speed switching and relatively large peak currents in
a synchronous-rectified buck converter make the PCB layout
a very important part of design. Fast current switching from
one device to another in a synchronous-rectified buck
converter causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency and radiate noise that result
in overvoltage stress on devices. Careful component
placement layout and printed circuit design minimizes the
voltage spikes induced in the converter.
Follow the layout guidelines for optimal performance of
uP3861
1
The upper and lower MOSFETs turn on/off and conduct
pulsed current alternatively with high slew rate transition.
Any inductance in the switched current path generates
a large voltage spike during the switching. The
interconnecting wires indicated by red heavy lines
conduct pulsed current with sharp transient and should
be part of a ground or power plane in a printed circuit
board to minimize the voltage spike. Make all the
connection the top layer with wide, copper filled areas.
2
Place the power components as physically close as
possible.
2.1 Place the input capacitors, especially the high-
frequency ceramic decoupling capacitors, directly
to the drain of upper MOSFET ad the source of the
lower MOSFET. To reduce the ESR replace the
single input capacitor with two parallel units
2.2 Place the output capacitor between the converter
and load.
3
Place the uP3861P near the upper and lower MOSFETs
with pins 6 to 9 or 12 to 15 facing the power
components. Keep the components connected to pins
1 to 5 or 17 to 20 close to the uP3861P and away from
the inductor and other noise sources (noise sensitive
components).
4
Use a dedicated grounding plane and use vias to ground
all critical components to this layer. The ground plane
layer should not have any traces and it should be as
close as possible to the layer with power MOSFETs.
Use an immediate via to connect the components to
ground plane including GND of uP3861P Use several
bigger vias for power components.
5
Apply another solid layer as a power plane and cut this
plane into smaller islands of common voltage levels.
The power plane should support the input power and
output power nodes to maintain good voltage filtering
and to keep power losses low. Also, for higher currents,
it is recommended to use a multilayer board to help
with heat sinking power components.
6
The PHASE node is subject to very high dV/dt voltages.
Stray capacitance between this island and the
surrounding circuitry tend to induce current spike and
capacitive noise coupling. Keep the sensitive circuit
away from the PHASE node and keep the PCB area
small to limit the capacitive coupling. However, the PCB
area should be kept moderate since it also acts as
main heat convection path of the lower MOSFET.
7
uP3861P sources/sinks impulse current with 2A peak
to turn on/off the upper and lower MOSFETs. The
connecting trance between the controller and gate/
source of the MOSFET should be wide and short to
minimize the parasitic inductance along the traces.
8
Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power component.
9
Provide local VCC decoupling between VCC and GND
pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Application Information


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com