Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7423DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7423DN
Description  P-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7423DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7423DN Datasheet HTML 1Page - Vishay Siliconix SI7423DN Datasheet HTML 2Page - Vishay Siliconix SI7423DN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si7423DN
Vishay Siliconix
www.vishay.com
Document Number: 72636
2
24-May-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
1.8
V
On-State Drain Current
b
ID(on)
VDS = −5 V, VGS = −10 V
60
A
VGS = −10 V, ID = −11.7 A
0.014
0.014
Drain-Source On-State Resistance
b
rDS(on)
VGS = −4.5 V, ID = −9 A
0.023
0.023
Forward Transconductance
b
gfs
VDS = −15 V, ID = −11.7 A
29
29
S
Diode Forward Voltage
b
VSD
IS = −3.2 A, VGS = 0 V
−0.83
−0.76
V
Dynamic
a
Total Gate Charge
Qg
34
37.5
Gate-Source Charge
Qgs
5.8
5.8
Gate-Drain Charge
Qgd
VDS = −15 V, VGS = −10 V, ID = −11.7 A
9.6
9.6
nC
Turn-On Delay Time
td(on)
15
11
Rise Time
tr
11
10
Turn-Off Delay Time
td(off)
72
74
Fall Time
tf
VDD = −15 V, RL = 15 Ω
ID ≅ −1 A, VGEN = −10 V, RG = 6 Ω
25
50
ns
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.


Similar Part No. - SI7423DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
532Kb / 12P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7423DN VISHAY-SI7423DN_V01 Datasheet
532Kb / 12P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7423DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com