Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA Datasheet(PDF) 4 Page - Hirose Electric

Part # SMA
Description  SMA Reverse Coaxial Connector Up to 26.5GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

SMA Datasheet(HTML) 4 Page - Hirose Electric

  SMA Datasheet HTML 1Page - Hirose Electric SMA Datasheet HTML 2Page - Hirose Electric SMA Datasheet HTML 3Page - Hirose Electric SMA Datasheet HTML 4Page - Hirose Electric SMA Datasheet HTML 5Page - Hirose Electric SMA Datasheet HTML 6Page - Hirose Electric SMA Datasheet HTML 7Page - Hirose Electric SMA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SMA(R) SeriesSMA Reverse Coaxial Connector Up to 26.5GHz
Ultra - fine Coaxial Cable (6GHz)
Part No.
HRS No.
Applicable Cable
SMA(R)-200-040PBN
323-0925-0
Ø0.81
SMA(R)-200-066PBN
323-0930-0
Ø1.13, Ø1.32
SMA(R)-200-088PBN
323-0905-3
Ø1.37, Ø1.48
●Straight plug
8HEX
15
Part No.
HRS No.
Applicable Cable
SMA(R)-200-040JBN
323-0926-3
Ø0.81
SMA(R)-200-066JBN
323-0931-3
Ø1.13, Ø1.32
SMA(R)-200-088JBN
323-0904-0
Ø1.37, Ø1.48
●Straight jack
1/4-36UNS-2A
8HEX
17
4.5
8
Part No.
HRS No.
Applicable Cable
SMA(R)-200-040PJ4BN
323-0928-9
Ø0.81
SMA(R)-200-066PJ4BN
323-0932-6
Ø1.13, Ø1.32
SMA(R)-200-088PJ4BN
323-0934-1
Ø1.37, Ø1.48
●Panel jack (4 hole type)
1/4-36UNS-2A
17
1.7
9.55
□12.7
□8.64
Ø2.6
Part No.
HRS No.
Applicable Cable
SMA(R)-200-040PJ2BN
323-0929-1
Ø0.81
SMA(R)-200-066PJ2BN
323-0933-9
Ø1.13, Ø1.32
SMA(R)-200-088PJ2BN
323-0935-4
Ø1.37, Ø1.48
●Panel jack (2 hole type)
1/4-36UNS-2A
17
1.7
9.55
8


Similar Part No. - SMA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
   Precision Metal Film Resistors
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Similar Description - SMA

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-14-11_N HUBERSUHNER-11_SMA-50-3-14-11_N Datasheet
210Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-69-19_N HUBERSUHNER-11_SMA-50-3-69-19_N Datasheet
175Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-20119_N HUBERSUHNER-11_SMA-50-2-20119_N Datasheet
177Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-16-11_N HUBERSUHNER-11_SMA-50-3-16-11_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-42-33_N HUBERSUHNER-11_SMA-50-3-42-33_N Datasheet
161Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
   26.5GHz, 18GHz COAXIAL SWITCH
logo
Huber+Suhner, Inc.
16_SMA-50-3-100199_N HUBERSUHNER-16_SMA-50-3-100199_N Datasheet
182Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com