Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 14 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 14 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 10Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 11Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 12Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 13Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 14Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 15Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 16Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 17Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 18Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
HIGH. For a 36-bit bus size, 36 bits of mailbox data are placed on B0-B35. For
an 18-bit bus size, 18 bits of mailbox data are placed on B0-B17. (In this case,
B18-B35 are indeterminate.) For a 9-bit bus size, 9 bits of mailbox data are
placed on B0-B8. (In this case, B9-B35 are indeterminate.)
TheMail2RegisterFlag(
MBF2)issetHIGHbyaLOW-to-HIGHtransition
on CLKA when a Port A read is selected by
CSA, W/RA, and ENA with MBA
HIGH.
For a 36-bit bus size, 36 bits of mailbox data are placed on A0-A35. For
an 18-bit bus size, 18 bits of mailbox data are placed on A0-A17. (In this case,
A18-A35 are indeterminate.) For a 9-bit bus size, 9 bits of mailbox data are
placed on A0-A8. (In this case, A9-A35 are indeterminate.)
The data in a mail register remains intact after it is read and changes only
whennewdataiswrittentotheregister. TheEndianSelectfeaturehasnoeffect
on mailbox data. For mail register and mail register flag timing diagrams, see
Figure 17 and 18.
BUS SIZING
The Port B bus can be configured in a 36-bit long word, 18-bit word, or
9-bit byte format for data read from the FIFO. The levels applied to the Port B
Bus Size Select (SIZE) and the Bus-Match Select (BM) determine the Port B
bus size. These levels should be static throughout FIFO operation. Both bus
sizeselectionsareimplementedatthecompletionofReset,bythetimetheFull/
Input Ready flag is set HIGH, as shown in Figure 2.
TwodifferentmethodsforsequencingdatatransferareavailableforPort
B when the bus size selection is either byte-or word-size. They are referred
to as Big-Endian (most significant byte first) and Little-Endian (least significant
bytefirst). ThelevelappliedtotheBig-EndianSelect(BE)inputduringtheLOW-
to-HIGH transition of
RS1selectstheendianmethodthatwillbeactiveduring
FIFO operation. BE is a don’t care input when the bus size selected for Port B
islongword.TheendianmethodisimplementedatthecompletionofReset,by
the time the Full/Input Ready flag is set HIGH, as shown in Figure 2.
Only 36-bit long word data is written to or read from the FIFO memory
on the IDT723623/723633/723643. Bus-matching operations are done after
data is read from the FIFO RAM. These bus-matching operations are not
available when transferring data via mailbox registers. Furthermore, both the
word-andbyte-sizebusselectionslimitthewidthofthedatabusthatcanbeused
for mail register operations. In this case, only those byte lanes belonging to the
selected word- or byte-size bus can carry mailbox data. The remaining data
outputswillbeindeterminate.Theremainingdatainputswillbedon’tcareinputs.
For example, when a word-size bus is selected, then mailbox data can be
transmitted only between A0-A17 and B0-B17. When a byte-size bus is
selected, then mailbox data can be transmitted only between A0-A8 and B0-
B8. (See Figures 17 and 18).
BUS-MATCHING FIFO READS
Data is read from the FIFO RAM in 36-bit long word increments. If a long
wordbussizeisimplemented,theentirelongwordimmediatelyshiftstotheFIFO
output register. If byte or word size is implemented on Port B, only the first one
ortwobytesappearontheselectedportionoftheFIFOoutputregister,withthe
restofthelongwordstoredinauxiliaryregisters. Inthiscase,subsequentFIFO
reads output the rest of the long word to the FIFO output register in the order
shown by Figure 2.
When reading data from FIFO in byte or word format, the unused B0-B35
outputsareindeterminate.


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com