Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 12 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 12 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 10Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 11Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 12Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 13Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 14Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 15Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 16Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
TABLE 4 — .I.O .LAG OPERATION (IDT STANDARD AND .W.T MODES)
Synchronized
Synchronized
Number of Words in FIFO(1,2)
to CLKB
to CLKA
IDT723623(3)
IDT723633(3)
IDT723643(3)
EF/OR
AE
AF
FF/IR
000
L
L
H
H
1 to X
1 to X
1 to X
H
L
H
H
(X+1) to [256-(Y+1)]
(X+1) to [512-(Y+1)]
(X+1) to [1,024-(Y+1)]
H
H
H
H
(256-Y) to 255
(512-Y) to 511
(1,024-Y) to 1,023
H
H
L
H
256
512
1,024
H
H
L
L
NOTES:
1.
When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
2.
Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output
register (no read operation necessary), it is not included in the memory count.
3.
X is the almost-empty offset used by
AE. Y is the almost-full offset used by AF. Both X and Y are selected during a FIFO reset or Port A programming.
can be programmed from 1 to 508 (IDT723623), 1 to 1,020 (IDT723633), or
1 to 2,044 (IDT723643).
Whentheoptiontoprogramtheoffsetregistersseriallyischosen,theFull/
Input Ready (
FF/IR)flagremainsLOWuntilallregisterbitsarewritten. FF/IR
is set HIGH by the LOW-to-HIGH transition of CLKA after the last bit is loaded
to allow normal FIFO operation.
See Figure 6, Serial Programming of the Almost-Full Flag and Almost-
Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes).
FIFO WRITE/READ OPERATION
ThestateofthePortAdata(A0-A35)linesiscontrolledbyPortAChipSelect
(
CSA)andPortAWrite/ReadSelect(W/RA). TheA0-A35linesareintheHigh-
impedancestatewheneither
CSAorW/RAisHIGH. TheA0-A35linesareactive
outputs when both
CSA and W/RA are LOW.
Data is loaded into the FIFO from the A0-A35 inputs on a LOW-to-HIGH
transition of CLKA when
CSA is LOW, W/RA is HIGH, ENA is HIGH, MBA is
LOW,and
FF/IRisHIGH(seeTable2). FIFOwritesonPortAareindependent
of any concurrent reads on Port B.
ThePortBcontrolsignalsareidenticaltothoseofPortAwiththeexception
thatthePortBWrite/Readselect(
W/RB)istheinverseofthePortAWrite/Read
select (W/
RA). ThestateofthePortBdata(B0-B35)linesiscontrolledbythe
Port B Chip Select (
CSB)andPortBWrite/Readselect(W/RB). TheB0-B35
linesareinthehigh-impedancestatewheneither
CSBisHIGHorW/RBisLOW.
The B0-B35 lines are active outputs when
CSB is LOW and W/RB is HIGH.
Data is read from the FIFO to the B0-B35 outputs by a LOW-to-HIGH
transition of CLKB when
CSB is LOW, W/RB is HIGH, ENB is HIGH, MBB is
LOW, and
EF/OR is HIGH (see Table 3). FIFO reads on Port B are
independent of any concurrent writes on Port A.
The setup and hold time constraints to the port clocks for the port Chip
SelectsandWrite/Readselectsareonlyforenablingwriteandreadoperations
andarenotrelatedtohigh-impedancecontrolofthedataoutputs. Ifaportenable
is LOW during a clock cycle, the port’s Chip Select and Write/Read select may
change states during the setup and hold time window of the cycle.
When operating the FIFO in FWFT mode and the Output Ready flag is
LOW, the next word written is automatically sent to the FIFO’s output register
bytheLOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflag
HIGH. WhentheOutputReadyflagisHIGH,dataresidingintheFIFO’smemory
array is clocked to the output register only when a read is selected using the
port’s Chip Select, Write/Read select, Enable, and Mailbox select.
When operating the FIFO in IDT Standard mode, regardless of whether
the Empty Flag is LOW or HIGH, data residing in the FIFO’s memory array is
clockedtotheoutputregisteronlywhenareadisselectedusingtheport’sChip
Select, Write/Read select, Enable, and Mailbox select. Port A Write timing
diagram can be found in Figure 7. Relevant port B Read timing diagrams
together with Bus-Matching and Endian select can be found in Figure 8, 9 and
10.
SYNCHRONIZED FIFO FLAGS
Each FIFO is synchronized to its port clock through at least two flip-flop
stages. Thisisdonetoimproveflag-signalreliabilitybyreducingtheprobability
of metastable events when CLKA and CLKB operate asynchronously to one
another.
FF/IR, and AF are synchronized to CLKA. EF/OR and AE are
synchronized to CLKB. Table 4 shows the relationship of each port flag to the
number of words stored in memory.
EMPTY/OUTPUT READY FLAGS (
EF/OR)
Thesearedualpurposeflags. IntheFWFTmode,theOutputReady(OR)
functionisselected. WhentheOutput-ReadyflagisHIGH,newdataispresent
in the FIFO output register. When the Output Ready flag is LOW, the previous
data word is present in the FIFO output register and attempted FIFO reads are
ignored.
IntheIDTStandardmode,theEmptyFlag(
EF)functionisselected. When
the Empty Flag is HIGH, data is available in the FIFO’s memory for reading to
the output register. When the Empty Flag is LOW, the previous data word is
present in the FIFO output register and attempted FIFO reads are ignored.
The Empty/Output Ready flag of a FIFO is synchronized to the port clock
that reads data from its array (CLKB). For both the FWFT and IDT Standard
modes, the FIFO read pointer is incremented each time a new word is clocked
to its output register. The state machine that controls an Output Ready flag
monitors a write pointer and read pointer comparator that indicates when the
FIFO memory status is empty, empty+1, or empty+2.
In FWFT mode, from the time a word is written to a FIFO, it can be shifted
to the FIFO output register in a minimum of three cycles of the Output Ready
flag synchronizing clock. Therefore, an Output Ready flag is LOW if a word in
memory is the next data to be sent to the FlFO output register and three cycles
oftheportClockthatreadsdatafromtheFIFOhavenotelapsedsincethetime
the word was written. The Output Ready flag of the FIFO remains LOW until
the third LOW-to-HIGH transition of the synchronizing clock occurs, simulta-
neously forcing the Output Ready flag HIGH and shifting the word to the FIFO
outputregister.
In IDTStandardmode,fromthetimeawordiswrittentoaFIFO,theEmpty
Flagwillindicatethepresenceofdataavailableforreadinginaminimumoftwo


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com