Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 11 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 11 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 10Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 11Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 12Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 13Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 14Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 15Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
TABLE 1 — .LAG PROGRAMMING
SPM
FS1/
SEN
FSO/SD
RS1
X AND Y REGlSTERS(1)
HH
H
64
HH
L
16
HL
H
8
HL
L
Parallel programming via Port A
LH
L
Serial Programming via SD
LH
H
reserved
LL
H
reserved
LL
L
reserved
NOTE:
1. X register holds the offset for
AE; Y register holds the offset for AF.
— PARALLEL LOAD FROM PORT A
To program the X and Y registers from Port A, perform a Reset on with
SPMHIGHandFS0andFS1LOWduringtheLOW-to-HIGHtransitionofRS1.
After this reset is complete, the first two writes to the FIFO do not store data in
RAM. The first two write cycles load the offset registers in the order Y, X. On
thethirdwritecycletheFIFOisreadytobeloadedwithadataword. SeeFigure
5, Parallel Programming of the Almost-Full Flag and Almost-Empty Flag
Offset Values after Reset (IDT Standard and FWFT modes), for a detailed
timingdiagram.ThePortAdatainputsusedbytheoffsetregistersare(A7-A0),
(A8-A0), or (A9-A0) for the IDT723623, IDT723633 or IDT723643, respec-
tively. Thehighestnumberedinputisusedasthemostsignificantbitofthebinary
number in each case. Valid programming values for the registers range from
1 to 252 for the IDT723623; 1 to 508 for the IDT723633; and 1 to 1,020 for the
IDT723643. After all the offset registers are programmed from Port A the FIFO
begins normal operation.
— SERIAL LOAD
To program the X and Y registers serially, initiate a Reset with
SPMLOW,
FS0/SD LOW and FS1/
SENHIGHduringtheLOW-to-HIGHtransitionofRS1.
After this reset is complete, the X and Y register values are loaded bit-wise
through the FS0/SD input on each LOW-to-HIGH transition of CLKA that the
FS1/
SEN input is LOW. There are 16-, 18- or 20-bit writes are needed to
complete the programming for the IDT723623, IDT723633, or IDT723643,
respectively. ThetworegistersarewrittenintheorderY,X.Eachregistervalue
CSA
W/
RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
PORT FUNCTION
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
Input
FIFO write
LH
H
H
Input
Mail1 write
L
L
L
L
X
Output
None
LL
H
L
Output
None
L
L
L
H
X
Output
None
LL
H
H
Output
Mail2 read (set
MBF2 HIGH)
TABLE 2 — PORT A ENABLE .UNCTION TABLE
TABLE 3 — PORT B ENABLE .UNCTION TABLE
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
PORT FUNCTION
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
Input
None
LL
H
H
Input
Mail2 write
L
H
L
L
X
Output
None
LH
H
L
Output
FIFO read
L
H
L
H
X
Output
None
LH
H
H
Output
Mail1 read (set
MBF1 HIGH)


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com