Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 10 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 10 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 6Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 10Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 11Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 12Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 13Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 14Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
A HIGH on the BE/
FWFT input when the Reset (RS1) input goes from
LOW to HIGH will select a Big-Endian arrangement. In this case, the most
significant byte (word) of the long word written to Port A will be read from Port
B first; the least significant byte (word) of the long word written to Port A will be
read from Port B last.
ALOWontheBE/
FWFTinputwhentheReset(RS1)inputgoesfromLOW
toHIGHwillselectaLittle-Endianarrangement. Inthiscase,theleastsignificant
byte (word) of the long word written to Port A will be read from Port B first; the
most significant byte (word) of the long word written to Port A will be read from
Port B last. Refer to Figure 2 for an illustration of the BE function. See Figure
3 (Reset) for an Endian select timing diagram.
— TIMING MODE SELECTION
AfterReset, theFWFTselectfunctionisactive,permittingachoicebetween
two possible timing modes: IDT Standard mode or First Word Fall Through
(FWFT) mode. Once the Reset (
RS1)inputisHIGH,aHIGHontheBE/FWFT
inputduringthenextLOW-to-HIGHtransitionofCLKAandCLKBwillselectIDT
Standard mode. This mode uses the Empty Flag function (
EF) to indicate
whether or not there are any words present in the FIFO memory. It uses the
FullFlagfunction(
FF)toindicatewhetherornottheFIFOmemoryhasanyfree
space for writing. In IDT Standard mode, every word read from the FIFO,
including the first, must be requested using a formal read operation.
OncetheReset(
RS1)inputisHIGH,aLOWontheBE/FWFTinputduring
the next LOW-to-HIGH transition of CLKA and CLKB will select FWFT mode.
ThismodeusestheOutputReadyfunction(OR)toindicatewhetherornotthere
is valid data at the data outputs (B0-B35). It also uses the Input Ready function
(IR) to indicate whether or not the FIFO memory has any free space for writing.
In the FWFT mode, the first word written to an empty FIFO goes directly to data
outputs, no read request necessary. Subsequent words must be accessed by
performing a formal read operation.
Following Reset, the level applied to the BE/
FWFT input to choose the
desired timing mode must remain static throughout FIFO operation. Refer to
Figure 3 (Reset) for a First Word Fall Through select timing diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
Two registers in the IDT723623/723633/723643 are used to hold the
offsetvaluesfortheAlmost-EmptyandAlmost-Fullflags. TheAlmost-Emptyflag
(
AE)OffsetregisterislabeledXandAlmost-Fullflag(AF)Offsetregisterislabeled
Y. The offset registers can be loaded with preset values during the reset of the
FIFO, programmed in parallel using the FIFO’s Port A data inputs, or
programmedinserialusingtheSerialData(SD)input(seeTable1).
SPM,FS0/
SD and FS1/
SEN function the same way in both IDT Standard and FWFT
modes.
— PRESET VALUES
To load a FIFO’s Almost-Empty flag and Almost-Full flag Offset registers
with one of the three preset values listed in Table 1, the Serial Program Mode
(
SPM)andatleastoneoftheflag-selectinputsmustbeHIGHduringtheLOW-
to-HIGH transition of the Reset input (
RS1). For example, to load the preset
value of 64 into X and Y,
SPM,FS0andFS1mustbeHIGHwhenRS1returns
HIGH. For the relevant preset value loading timing diagram, see Figure 3.
SIGNAL DESCRIPTION
RESET (
RS1/RS2)
Afterpowerup,aResetoperationmustbeperformedbyprovidingaLOW
pulse to
RS1 and RS2 simultaneously. Afterwards, the FIFO memory of the
IDT723623/723633/723643 undergoes a complete reset by taking its Reset
(
RS1 and RS2) input LOW for at least four Port A clock (CLKA) and four Port
B clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can switch
asynchronously to the clocks. A Reset initializes the internal read and write
pointers and forces the Full/Input Ready flag (
FF/IR)LOW,theEmpty/Output
Ready flag (
EF/OR)LOW,theAlmost-Emptyflag(AE)LOW,andtheAlmost-
Full flag (
AF)HIGH. AReset(RS1)alsoforcestheMailboxflag(MBF1)ofthe
parallelmailboxregisterHIGH,andatthesametimethe
RS2andMBF2operate
likewise. After a Reset, the FIFO’s Full/Input Ready flag is set HIGH after two
write clock cycles to begin normal operation.
ALOW-to-HIGHtransitionontheFlFOReset(
RS1)inputlatchesthevalue
of the Big-Endian (BE) input for determining the order by which bytes are
transferred through Port B.
ALOW-to-HIGHtransitionontheFlFOReset(
RS1)inputalsolatchesthe
values of the Flag Select (FS0, FS1) and Serial Programming Mode (
SPM)
inputs for choosing the Almost-Full and Almost-Empty offset programming
method (for details see Table 1, Flag Programming, and Almost-Empty and
Almost-Fullflagoffsetprogramming section).TherelevantReset timingdiagram
can be found in Figure 3.
PARTIAL RESET (
PRS)
The FIFO memory of the IDT723623/723633/723643 undergoes a
limited reset by taking its associated Partial Reset (
PRS)inputLOWforatleast
fourPortAclock(CLKA)andfourPortBclock(CLKB)LOW-to-HIGHtransitions.
ThePartialResetinput canswitchasynchronouslytotheclocks. APartialReset
initializes the internal read and write pointers and forces the Full/Input Ready
flag (
FF/IR) LOW, the Empty/Output Ready flag (EF/OR) LOW, the Almost-
Emptyflag(
AE)LOW,andtheAlmost-Fullflag(AF)HIGH. APartialResetalso
forces the Mailbox flag (
MBF1, MBF2) of the parallel mailbox register HIGH.
AfteraPartialReset,theFIFO’sFull/InputReadyflagissetHIGHaftertwoclock
cycles to begin normal operation. See Figure 4, Partial Reset (IDTStandard
and FWFT Modes) for the relevant timing diagram.
Whateverflagoffsets,programmingmethod(parallelorserial),andtiming
mode(FWFTorIDTStandardmode)arecurrentlyselectedat thetimeaPartial
Reset is initiated, those settings will be remain unchanged upon completion of
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Reset would be inconvenient.
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/
FWFT)
— ENDIAN SELECTION
This is a dual purpose pin. At the time of Reset, the BE select function is
active,permittingachoiceofBig-orLittle-Endianbytearrangementfordataread
from Port B. This selection determines the order by which bytes (or words) of
dataaretransferredthroughthisport. Forthefollowingillustrations,assumethat
a byte (or word) bus size has been selected for Port B. (Note that when Port
B is configured for a long word size, the Big-Endian function has no application
and the BE input is a “don’t care”1.)
NOTE:
1. Either a HIGH or LOW can be applied to a “don’t care” input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily “don’t care” (along with unused
inputs) must not be left open, rather they must be either HIGH or LOW.


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com