Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 6 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 6 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 2Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 3Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 4Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 5Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 6Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 10Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
NOTES:
1. Industrial temperature range is available by special order.
2. All typical values are at VCC = 5V, TA = 25
°C.
3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
4. Characterized valules, not curently tested.
IDT723623
IDT723633
IDT723643
Commerical
tCLK = 12, 15ns
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 4.5V,
IOL = -4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 4.5V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 5.5V,
VI = VCC or 0
±10
µ A
ILO
OutputLeakageCurrent
VCC = 5.5V,
VO = VCC or 0
±10
µ A
ICC2(3)
Standby Current (with CLKA & CLKB running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
8
mA
ICC3(3)
Standby Current (no clocks running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
1
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING .REE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (Commercial)
4.5
5.0
5.5
V
VIH
High-Level Input Voltage (Commercial)
2
V
VIL
Low-Level Input Voltage (Commercial)
0.8
V
IOH
High-Level Output Current (Commercial)
–4
mA
IOL
Low-Level Output Current (Commercial)
8
mA
TA
OperatingTemperature(Commercial)
0
70
°C
ABSOLUTE MAXIMUM RATINGS OVER OPERATING .REE-AIR
TEMPERATURE RANGE (Unless otherwise noted) (1)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to 7
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
° C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com