Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 5 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 5 Page - Jinan Gude Electronic Device

  IDT723623 Datasheet HTML 1Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 2Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 3Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 4Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 5Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 6Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
Symbol
Name
I/O
Description
MBF2
Mail2 Register
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register. Writes to the mail2
Flag
register are inhibited while
MBF2 is LOW. MBF2 is set HIGH by a LOW-to-HIGH transition of CLKA when a Port
A read is selected and MBA is HIGH.
MBF2 is set HIGH following either a Reset (RS2) or Partial Reset (PRS).
RS1/RS2
Resets
I
A LOW on both pins initializes the FIFO read and write pointers to the first location of memory and sets the Port B
output register to all zeroes. A LOW-to-HIGH transition on
RS1selectstheprogrammingmethod(serialorparallel)
and one of three programmable flag default offsets. It also configures Port B for bus size and endian arrangement.
Four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of CLKB must occur while
RS1isLOW.
PRS
PartialReset
I
ALOWonthispininitializestheFIFOreadandwritepointerstothefirstlocationofmemoryandsetsthePort Boutput
register to all zeroes. During Partial Reset, the currently selected bus size, endian arrangement, programming
method (serial or parallel), and programmable flag settings are all retained.
SIZE(1)
Bus Size Select
I
A HIGH on this pin when BM is HIGH selects byte bus (9-bit) size on Port B. A LOW on this pin when BM is
(Port B)
HIGH selects word (18-bit) bus size. SIZE works with BM and BE to select the bus size and endian arrangement
for Port B. The level of SIZE must be static throughout device operation.
SPM(1)
Serial Program-
I
A LOW on this pin selects serial programming of partial flag offsets. A HIGH on this pin selects parallel
ming Mode
programming or default offsets (8, 16, or 64).
W/
RA
Port A Write/
I
A HIGH selects a write operation and a LOW selects a read operation on Port A for a LOW-to-HIGH transition
Read Select
of CLKA. The A0-A35 outputs are in the HIGH impedance state when W/
RA is HIGH.
W/RB
Port B Write/
I
A LOW selects a write operation and a HIGH selects a read operation on Port B for a LOW-to-HIGH transition
Read Select
of CLKB. The B0-B35 outputs are in the HIGH impedance state when
W/RB is LOW.
PIN DESCRIPTIONS (CONTINUED)
NOTE:
1. BM, SIZE and
SPM are not TTL compatible. These inputs should be tied to VCC or GND.


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com