Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 4 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 4 Page - Jinan Gude Electronic Device

  IDT723623 Datasheet HTML 1Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 2Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 3Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 4Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 5Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 6Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bit bidirectional data port for side A.
AE
Almost-Empty
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in the FIFO
Flag (Port B)
is less than or equal to the value in the Almost-Empty B offset register, X.
AF
Almost-Full
O
Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations in the
Flag (Port A)
FIFO is less than or equal to the value in the Almost-Full A offset register, Y.
B0-B35
Port B Data
I/O
36-bit bidirectional data port for side B.
BE/
FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In this case,
First Word
depending on the bus size, the most significant byte or word written to Port A is read from Port B first. A
Fall Through
LOW on BE will select Little-Endian operation. In this case, the least significant byte or word written to Port A
is read from Port B first. After Master Reset, this pin selects the timing mode. A HIGH on
FWFT selects IDT
Standard mode, a LOW selects First Word Fall Through mode. Once the timing mode has been selected, the
level on
FWFT must be static throughout device operation.
BM(1)
Bus-Match
I
A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of SIZE. A
Select (Port B)
LOW selects long word operation. BM works with SIZE and BE to select the bus size and endian
arrangement for Port B. The level of BM must be static throughout device operation.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be asynchronous or
coincident to CLKB.
FF/IR and AF are synchronized to the LOW-to-HIGH transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous or
coincident to CLKA.
EF/OR and AE are synchronized to the LOW-to-HIGH transition of CLKB.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35
Select
outputs are in the high-impedance state when
CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write on Port B. The B0-B35
Select
outputs are in the high-impedance state when
CSB is HIGH.
EF/OR
Empty/Output
O
This is a dual function pin. In the IDT Standard mode, the
EF function is selected. EF indicates whether or
Ready Flag
not the FIFO memory is empty. In the FWFT mode, the OR function is selected. OR indicates the presence of valid
(Port B)
dataontheB0-B35outputs,availableforreading.
EF/ORissynchronizedtotheLOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
FF/IR
Full/Input
O
This is a dual function pin. In the IDT Standard mode, the
FF function is selected. FF indicates whether or
Ready Flag
not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates whether or not there
(Port A)
is space available for writing to the FIFO memory.
FF/IR is synchronized to the LOW-to-HIGH transition of
CLKA.
FS1/
SEN
FlagOffset
I
FS1/SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During Reset,
Select 1/
FS1/
SENandFS0/SD,togetherwithSPM,selecttheflagoffsetprogrammingmethod.Threeoffsetregister
Serial Enable,
programming methods are available: automatically load one of three preset values (8, 16, or 64), parallel
load from Port A, and serial load.
FS0/SD
FlagOffset
I
When serial load is selected for flag offset register programming, FS1/
SEN is used as an enable synchronous
Select 0/
to the LOW-to-HIGH transition of CLKA. When FS1/
SEN is LOW, a rising edge on CLKA load the bit present
Serial Data
on FS0/SD into the X and Y registers. The number of bit writes required to program the offset registers is 16
for the IDT723623, 18 for the IDT723633, and 20 for the IDT723643. The first bit write stores the Y-register
MSB and the last bit write stores the X-register LSB.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the B0-B35
Select
outputs are active, a HIGH level on MBB selects data from the mail1 register for output and a LOW level
selects FIFO data for output.
MBF1
Mail1 Register
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to
Flag
the mail1 register are inhibited while
MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB
when a Port B read is selected and MBB is HIGH.
MBF1 is set HIGH following either a Reset (RS1) or Partial
Reset (
PRS).


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com