Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 2 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 2 Page - Jinan Gude Electronic Device

  IDT723623 Datasheet HTML 1Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 2Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 3Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 4Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 5Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 6Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 7Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 8Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 9Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
PIN CON.IGURATION
TQFP (PK128-1, order code: PF)
TOP VIEW
W/
RA
CLKB
3269 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/
FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
Vcc
Vcc
B35
B34
B33
B32
GND
GND
B31
B30
B29
B28
B27
B26
Vcc
B25
B24
BM
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
Vcc
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZE
DESCRIPTION (CONTINUED)
The 256/512/1,024 x 36 dual-port SRAM FIFO buffers data from port A to port
B. FIFO data on Port B can output in 36-bit, 18-bit, or 9-bit formats with a choice
of Big- or Little-Endian configurations.
These devices are synchronous (clocked) FIFOs, meaning each port
employs a synchronous interface. All data transfers through a port are gated
to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple
bidirectional interface between microprocessors and/or buses with synchro-
nous control.
CommunicationbetweeneachportmaybypasstheFIFOviatwomailbox
registers. The mailbox registers' width matches the selected Port B bus width.
Each mailbox register has a flag (
MBF1 and MBF2) to signal when new mail
has been stored.
TwokindsofresetareavailableontheseFIFOs: ResetandPartialReset.
Reset initializes the read and write pointers to the first location of the memory
array and selects serial flag programming, parallel flag programming, or one
of three possible default flag offset settings, 8, 16 or 64.
PartialResetalsosetsthereadandwritepointerstothefirstlocationofthe
memory. Unlike Reset, any settings existing prior to Partial Reset (i.e.,
programmingmethodandpartialflagdefaultoffsets)areretained. PartialReset


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com