Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723623 Datasheet(PDF) 18 Page - Jinan Gude Electronic Device

Part # IDT723623
Description  CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

IDT723623 Datasheet(HTML) 18 Page - Jinan Gude Electronic Device

Back Button IDT723623 Datasheet HTML 14Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 15Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 16Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 17Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 18Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 19Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 20Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 21Page - Jinan Gude Electronic Device IDT723623 Datasheet HTML 22Page - Jinan Gude Electronic Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
NOTE:
1. Data read from the FIFO
NOTE:
1. BE is selected at Reset: BM and SIZE must be static throughout device operation.
Figure 8. Port B Long-Word Read Cycle (IDT Standard and FWFT Modes)
SIZE MODE(1)
DATA WRITTEN TO FIFO
DATA READ FROM FIFO
(SELECT AT RESET)
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B35-B27
B26-B18
B17-B9
B8-B0
LX
X
A
B
C
D
A
B
C
D
DATA SIZE TABLE FOR FIFO LONG-WORD READS
NOTE:
1. Written to FIFO.
Figure 7. Port A Write Cycle Timing for FIFO (IDT Standard and FWFT Modes)
3269 drw08
CLKA
FF/IRA
ENA
A0-A35
MBA
CSA
W/
RA
tCLKH
tCLKL
tCLK
tENS1
tENS1
tENS2
tENS2
tDS
tENH
tENH
tENH
tENH
tDH
W1(1)
W2(1)
tENS2
tENH
tENH
tENS2
No Operation
HIGH
3269 drw09
CLKB
EF/OR
ENB
MBB
CSB
W/RB
tDIS
tCLK
tCLKH
tCLKL
tENS2
tA
tMDV
tEN
tA
tENS2
tENH
tENS2
tENH
W1(1)
W2 (1)
W3
(1)
tENH
tDIS
tEN
W2(1)
(1)
W1
Previous Data
tMDV
tA
OR
B0-B35
(Standard Mode)
B0-B35
(FWFT Mode)
tA
HIGH


Similar Part No. - IDT723623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - IDT723623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com