Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-GD546X Datasheet(PDF) 2 Page - Cirrus Logic

Part # CL-GD546X
Description  64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD546X Datasheet(HTML) 2 Page - Cirrus Logic

  CL-GD546X Datasheet HTML 1Page - Cirrus Logic CL-GD546X Datasheet HTML 2Page - Cirrus Logic CL-GD546X Datasheet HTML 3Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CL-GD546X
Laguna
™ Family VisualMedia™ Accelerators
Based on the CL-GD5462, the CL-GD5464 incorpo-
rates a 3D module, PCI bus mastering, and a newer,
230-MHz DAC. The CL-GD5464 offers very cost-
effective hardware acceleration for the latest gener-
ation of 3D games that rely heavily on texture map-
ping to achieve a dramatic experience for the end
user. The rendering performance is tuned to
Microsoft’s Direct3D game API. The CL-GD5464 is
also compatible with many other 3D game APIs on
the market.
The CL-GD5464 operates as a PCI bus master for
maximum system throughput. Use of the PCI bus
master reduces the system cost by optionally storing
texture maps, Z-buffer, and display list instructions
for 3D operation in system memory.
The CL-GD5465 also supports Intel’s AGP (acceler-
ated graphics port) for higher bandwidth between
the system memory and the graphics subsystem.
Both the CL-GD5462 and CL-GD5464 are one-
channel devices with bandwidth up to 600 Mbytes
per second. While maintaining the same pin layout,
future Laguna family members will use two Rambus
channels to increase the bandwidth to 1.2 Gbytes
per second.
FEATURES (cont.)
s Video playback acceleration
— Single-pass X, Y interpolated scaling
— Hardware occlusion for three video windows
— YUV-to-RGB conversion
— Color and chroma key
s Rambus® memory architecture
— Low-latency devices supported
— Single memory for color-buffer, Z-buffer, and texture
store
s V-Port
™ for peripheral expansion
— MPEG decoder
— TV tuner
— Teleconferencing
s Integrated VGA controller
s Integrated 230-MHz palette DAC and clock synthe-
sizer (CL-GD5462 is 170 MHz)
— Supports resolutions up to 1600
× 1200 at 85 Hz
— True-color operation up to 1024
× 768
— Hardware cursor
s DDC (display data channel) level 2B-compliant
monitor signaling
s ‘Green PC’ power-saving features support
— DPMS (display power management signaling)
— System power-down
OVERVIEW (cont.)
FEATURES/OVERVIEW
3D GRAPHICS AND VIDEO MODES (CL-GD5464)
The following table shows some of the video data formats associated with each of the graphics display
modes for the CL-GD5464.
a Additional texture maps can be stored in system memory and accessed by the CL-GD5464 bus master capability.
RDRAM
Memory Size
Screen Resolution
(Double-Buffered)
Color Depth
(Double-Buffered)
Z-Buffer
Off-Screen
Texture Memorya
1 Mbyte
640
× 480
8 bpp
Host based
> 350 Kbytes
1 Mbyte
320
× 240
16 bpp
16 bit
> 450 Kbytes
2 Mbyte
640
× 480
16 bpp
16 bit
> 150 Kbytes
2 Mbyte
640
× 480
16 bpp
Host based
> 600 Kbytes
2 Mbyte
485
× 380
16 bpp
16 bit
> 800 Kbytes


Similar Part No. - CL-GD546X

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-GD5430 CIRRUS-CL-GD5430 Datasheet
10Mb / 140P
CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5430-1MB CIRRUS-CL-GD5430-1MB Datasheet
10Mb / 140P
CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5432 CIRRUS-CL-GD5432 Datasheet
10Mb / 140P
CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5434 CIRRUS-CL-GD5434 Datasheet
10Mb / 140P
CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD543X CIRRUS-CL-GD543X Datasheet
10Mb / 140P
CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
More results

Similar Description - CL-GD546X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
logo
Fujitsu Component Limit...
MB91590 FUJITSU-MB91590 Datasheet
1Mb / 2P
32-bit MCU with Integrated Graphics Controller SoC
logo
STMicroelectronics
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
Advanced HD AVC decoder with 3D graphics acceleration and MoCA
STIH416 STMICROELECTRONICS-STIH416 Datasheet
304Kb / 4P
Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600 Datasheet
138Kb / 1P
Direct 3D Acceleration
logo
EPCOS
S1D13742F01A200 EPCOS-S1D13742F01A200 Datasheet
122Kb / 2P
S1D13742 Mobile Graphics Engine
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
VGA Graphics Engine-PACASO
logo
Epson Company
S1D13719 EPSON-S1D13719 Datasheet
157Kb / 2P
S1D13719 Mobile Graphics Engine
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com