Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0391B Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0391B
Description  SAW Resonator 916.5 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0391B Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0391B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0391B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0391B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0391B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0391B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
Date code: Provided by planer each year
Year code: 7 for 2007,8 for 2008,…
F.FREQUENCY CHARACTERISTICS:
Center Frequency 916.5MHz
Span 2MHz


Similar Part No. - TC0391B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TC0391A GOLLEDGE-TC0391A Datasheet
222Kb / 6P
   SAW Resonator: 916.50MHz
More results

Similar Description - TC0391B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2144D RFM-RO2144D Datasheet
97Kb / 2P
   916.5 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
   916.5 MHz SAW Resonator
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
   916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
   916.5 MHz SAW Filter
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
   916.5 MHz SAW Filter
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
   916.5 MHz SAW Filter
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
   916.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com