Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7280 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7280
Description  CMOS DUAL ASYNCHRONOUS FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7280 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7280_17 Datasheet HTML 1Page - Integrated Device Technology IDT7280_17 Datasheet HTML 2Page - Integrated Device Technology IDT7280_17 Datasheet HTML 3Page - Integrated Device Technology IDT7280_17 Datasheet HTML 4Page - Integrated Device Technology IDT7280_17 Datasheet HTML 5Page - Integrated Device Technology IDT7280_17 Datasheet HTML 6Page - Integrated Device Technology IDT7280_17 Datasheet HTML 7Page - Integrated Device Technology IDT7280_17 Datasheet HTML 8Page - Integrated Device Technology IDT7280_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CMOS DUAL ASYNCHRONOUS FIFO
DUAL 256 x 9, DUAL 512 x 9,
DUAL 1,024 x 9, DUAL 2,048 x 9,
DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280
IDT7281
IDT7282
IDT7283
IDT7284
IDT7285
N OV EM BER 2 0 1 7
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc
COM M ERCI AL AN D I N DU ST RI AL T EM PERAT U RE RAN GES
©2017 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3208/10
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FEATURES:
••
••
The IDT7280 is equivalent to two IDT7200 256 x 9 FIFOs
••
••
The IDT7281 is equivalent to two IDT7201 512 x 9 FIFOs
••
••
The IDT7282 is equivalent to two IDT7202 1,024 x 9 FIFOs
••
••
The IDT7283 is equivalent to two IDT7203 2,048 x 9 FIFOs
••
••
The IDT7284 is equivalent to two IDT7204 4,096 x 9 FIFOs
••
••
The IDT7285 is equivalent to two IDT7205 8,192 x 9 FIFOs
••
••
Low power consumption
— Active: 685 mW (max.)
— Power-down: 83 mW (max.)
••
••
Ultra high speed—12 ns access time
••
••
Asynchronous and simultaneous read and write
••
••
Offers optimal combination of data capacity, small foot print
and functional flexibility
••
••
Ideal for bi-directional, width expansion, depth expansion,
bus-matching, and data sorting applications
••
••
Status Flags: Empty, Half-Full, Full
••
••
Auto-retransmit capability
••
••
High-performance CMOS technology
••
••
Space-saving TSSOP
••
••
Industrial temperature range (–40°°°°°C to +85°°°°°C) is available
DESCRIPTION:
The IDT7280/7281/7282/7283/7284/7285 are dual-FIFO memories that
load and empty data on a first-in/first-out basis. These devices are functional
andcompatibletotwoIDT7200/7201/7202/7203/7204/7205FIFOsinasingle
package with all associated control, data, and flag lines assigned to separate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
Thereadsandwritesareinternallysequentialthroughtheuseofringpointers,
with no address information required to load and unload data. Data is toggled
in and out of the devices through the use of the Write (W) and Read (R) pins.
The devices utilize a 9-bit wide data array to allow for control and parity bits
at the user’s option. This feature is especially useful in data communications
applicationswhereitisnecessarytouseaparitybitfortransmission/reception
errorchecking.ItalsofeaturesaRetransmit(RT)capabilitythatallowsforreset
of the read pointer to its initial position when RT is pulsed LOW to allow for
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
TheseFIFOsarefabricatedusinghigh-speedCMOStechnology.Theyare
designed for those applications requiring asynchronous and simultaneous
read/writes in multiprocessing and rate buffer applications.
FU N CT I ON AL BLOCK DI AGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
RAM
ARRAY B
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3208 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(DB0-DB8)
(QB0-QB8)
(QA0-QA8)
RAM
ARRAY A
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


Similar Part No. - IDT7280_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7280L12 IDT-IDT7280L12 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280L12PA IDT-IDT7280L12PA Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280L12PAI IDT-IDT7280L12PAI Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280L15 IDT-IDT7280L15 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280L15PA IDT-IDT7280L15PA Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results

Similar Description - IDT7280_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com