Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200L Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7200L
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200L Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7200L_17 Datasheet HTML 6Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 7Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 8Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 9Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 10Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 11Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 12Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 13Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
U SAGE M ODES:
WIDTH EXPANSION
Word width may be increased simply by connecting the corresponding
input control signals of multiple devices. Status flags (EF, FF and HF) can be
detected from any one device. Figure 13 demonstrates an 18-bit word width
by using two IDT7200/7201A/7202As. Any word width can be attained by
adding additional IDT7200/7201A/7202As (Figure 13).
BIDIRECTIONAL OPERATION
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT7200/7201A/7202As as shown in Figure 16. Both Depth Expansion and
Width Expansion may be used in this mode.
DATA FLOW-THROUGH
Two types of flow-through modes are permitted, a read flow-through
and write flow-through mode. For the read flow-through mode (Figure 17),
the FIFO permits a reading of a single word after writing one word of data into
an empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of W, called the first write edge, and it remains on the bus until the R line
is raised from LOW-to-HIGH, after which the bus would go into a three-state
mode after tRHZ ns. The EF line would have a pulse showing temporary
deassertion and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
fullFIFO. The RlinecausestheFFtobedeassertedbuttheWlinebeingLOW
causes it to be asserted again in anticipation of a new data word. On the rising
edge of W, the new word is loaded in the FIFO. The W line must be toggled
whenFFisnotassertedtowritenewdataintheFIFOandtoincrementthewrite
pointer.
COMPOUND EXPANSION
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
Figure 13. Block Diagram of 256 x 18, 512 x 18, 1,024 x 18 FIFO Memory Used in Width Expansion Mode
Figure 12. Block Diagram of Single 256 x 9, 512 x 9, 1,024 x 9 FIFO
WRITE (W)
DATA IN (D)
FULL FLAG (FF)
RESET (RS)
9
READ (R)
9
DATA OUT (Q)
EMPTY FLAG (EF)
RETRANSMIT (RT)
EXPANSION IN (XI)
(HF)
IDT
7200/
7201A/
7202A
(HALF-FULL FLAG)
2679 drw 14
IDT
7200/
7201A/
7202A
XI
XI
99
18
9
18
HF
HF
9
DATA
WRITE (W)
FULL FLAG (FF)
RESET (RS)
(D)
IN
READ (R)
EMPTY FLAG (EF)
RETRANSMIT (RT)
DATA OUT (Q)
IDT
7200/
7201A/
7202A
2679 drw 15


Similar Part No. - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200LA120D IDT-IDT7200LA120D Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120J IDT-IDT7200LA120J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120P IDT-IDT7200LA120P Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120TD IDT-IDT7200LA120TD Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA12J IDT-IDT7200LA12J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results

Similar Description - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com