Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200L Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7200L
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200L Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7200L_17 Datasheet HTML 2Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 3Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 4Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 5Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 6Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 7Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 8Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 9Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
Device Mode, this pin acts as the retransmit input. The Single Device Mode is
initiated by grounding the Expansion In (XI).
The IDT7200/7201A/7202A can be made to retransmit data when the
RetransmitEnablecontrol(RT)inputispulsedLOW. Aretransmitoperationwill
settheinternalreadpointertothefirstlocationandwillnotaffectthewritepointer.
Read Enable (R) and Write Enable (W) must be in the HIGH state during
retransmit. This feature is useful when less than 256/512/1,024 writes are
performed between resets. The retransmit feature is not compatible with the
Depth Expansion Mode and will affect the Half-Full Flag (HF), depending on
the relative locations of the read and write pointers.
EXPANSION IN (XI)
This input is a dual-purpose pin. Expansion In (XI) is grounded to indicate
an operation in the single device mode. Expansion In (XI) is connected to
Expansion Out (XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OU T PU T S:
FULL FLAG (FF)
The Full Flag (FF) will go LOW, inhibiting further write operation, when the
write pointer is one location less than the read pointer, indicating that the
device is full. If the read pointer is not moved after Reset (RS), the Full-Flag
(FF)willgoLOWafter256writesforIDT7200,512writesfortheIDT7201Aand
1,024 writes for the IDT7202A.
EMPTY FLAG (EF)
The Empty Flag (EF) will go LOW, inhibiting further read operations, when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG (XO/HF)
This is a dual-purpose output. In the single device mode, when
Expansion In (XI) is grounded, this output acts as an indication of a half-full
memory.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (HF) will be set LOW and will remain set until the
difference between the write pointer and read pointer is less than or equal
to one half of the total memory of the device. The Half-Full Flag (HF) is then
reset by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(XI)isconnectedtoExpansion
Out (XO) of the previous device. This output acts as a signal to the next device
in the Daisy Chain by providing a pulse to the next device when the previous
device reaches the last location of memory.
DATA OUTPUTS (Q0 – Q8)
Dataoutputsfor9-bitwidedata. Thisdataisinahighimpedancecondition
whenever Read (R) is in a HIGH state.
SI GN AL DESCRI PT I ON S
I N PU T S:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CON T ROLS:
RESET (RS)
Reset is accomplished whenever the Reset (RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power up before a write operation can take
place. Both the Read Enable (R) and Write Enable (W) inputs must be
in the HIGH state during the window shown in Figure 2, (i.e., tRSS
before the rising edge of RS) and should not change until tRSR after
the rising edge of RS. Half-Full Flag (HF) will be reset to HIGH after
Reset (RS).
WRITE ENABLE (W)
A write cycle is initiated on the falling edge of this input if the Full Flag (FF)
isnotset. Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edgeoftheWriteEnable(W). DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesettoLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice. TheHalf-FullFlag(HF)isthenreset
by the rising edge of the read operation.
To prevent data overflow, the Full Flag (FF) will go LOW, inhibiting further
write operations. Upon the completion of a valid read operation, the Full
Flag(FF)willgoHIGHaftertRFF,allowingavalidwritetobegin. WhentheFIFO
isfull,theinternalwritepointerisblockedfrom W,soexternalchangesinWwill
not affect the FIFO when it is full.
READ ENABLE (R)
AreadcycleisinitiatedonthefallingedgeoftheReadEnable(R)provided
theEmptyFlag(EF)isnotset. ThedataisaccessedonaFirst-In/First-Outbasis,
independent of any ongoing write operations. After Read Enable (R) goes
HIGH,theDataOutputs(Q0–Q8)willreturntoahighimpedanceconditionuntil
thenextReadoperation. WhenalldatahasbeenreadfromtheFIFO,theEmpty
Flag (EF) will go LOW, allowing the “final” read cycle but inhibiting further read
operations with the data outputs remaining in a high impedance state. Once a
validwriteoperationhasbeenaccomplished,theEmptyFlag(EF)willgoHIGH
aftertWEFandavalidReadcanthenbegin. WhentheFIFOisempty,theinternal
readpointerisblockedfromR soexternalchangesin RwillnotaffecttheFIFO
when it is empty.
FIRST LOAD/RETRANSMIT (FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
groundedtoindicatethatitisthefirstloaded(seeOperatingModes). IntheSingle


Similar Part No. - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200LA120D IDT-IDT7200LA120D Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120J IDT-IDT7200LA120J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120P IDT-IDT7200LA120P Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120TD IDT-IDT7200LA120TD Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA12J IDT-IDT7200LA12J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results

Similar Description - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com