Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200L Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7200L
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200L Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7200L_17 Datasheet HTML 1Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 2Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 3Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 4Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 5Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 6Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 7Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 8Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
Military
Commercial
Com'l & Mil.
(2)
Military
(2)
IDT7200L30
IDT7200L35
IDT7200L50
IDT7201LA30
IDT7201LA35
IDT7201LA50
IDT7202LA30
IDT7202LA35
IDT7202LA50
IDT7201LA80
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tS
ShiftFrequency
25
22.2
15
10
MHz
tRC
Read Cycle Time
40
45
65
100
ns
tA
AccessTime
30
35
50
80
ns
tRR
ReadRecoveryTime
10
10
15
20
ns
tRPW
ReadPulseWidth(3)
30
35
50
80
ns
tRLZ
Read Pulse Low to Data Bus at Low Z(4)
3—
3—
3—
3
ns
tWLZ
Write Pulse High to Data Bus at Low Z(4,5)
5—
5—
5—
5
ns
tDV
Data Valid from Read Pulse High
5
5
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z(4)
—20
—20
—30
30
ns
tWC
Write Cycle Time
40
45
65
100
ns
tWPW
WritePulseWidth(3)
30
35
50
80
ns
tWR
WriteRecoveryTime
10
10
15
20
ns
tDS
DataSet-upTime
18
18
30
40
ns
tDH
DataHoldTime
0
0
5
10
ns
tRSC
Reset Cycle Time
40
45
65
100
ns
tRS
ResetPulseWidth(3)
30
35
50
80
ns
tRSS
ResetSet-upTime(4)
30
35
50
80
ns
tRSR
ResetRecoveryTime
10
10
15
20
ns
tRTC
RetransmitCycleTime
40
45
65
100
ns
tRT
RetransmitPulseWidth(3)
30
35
50
80
ns
tRTS
RetransmitSet-upTime(4)
30
35
50
80
ns
tRTR
RetransmitRecoveryTime
10
10
15
20
ns
tEFL
Reset to Empty Flag Low
40
45
65
100
ns
tHFH,FFH
ResettoHalf-FullandFullFlagHigh
40
45
65
100
ns
tRTF
RetransmitLowtoFlagsValid
40
45
65
100
ns
tREF
Read Low to Empty Flag Low
30
30
45
60
ns
tRFF
Read High to Full Flag High
30
30
45
60
ns
tRPE
ReadPulseWidthafterEFHigh
30
35
50
80
ns
tWEF
Write High to Empty Flag High
30
30
45
60
ns
tWFF
Write Low to Full Flag Low
30
30
45
60
ns
tWHF
Write Low to Half-Full Flag Low
40
45
65
100
ns
tRHF
ReadHightoHalf-FullFlagHigh
40
45
65
100
ns
tWPF
WritePulseWidthafterFFHigh
30
35
50
80
ns
tXOL
Read/Write to XO Low
—30
—35
—50
80
ns
tXOH
Read/Write to XO High
30
35
50
80
ns
tXI
XI Pulse Width(3)
30
35
50
80
ns
tXIR
XI Recovery Time
10
10
10
10
ns
tXIS
XI Set-upTime
10
10
15
15
ns
AC ELECT RI CAL CH ARACT ERI ST I CS(1) (Cont inue d)
(Commercial: VCC = 5V ± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions
2. Military speed grades of 50ns and 80ns are only available for IDT7201LA.
3. Pulse widths less than minimum value are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.


Similar Part No. - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200LA120D IDT-IDT7200LA120D Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120J IDT-IDT7200LA120J Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120P IDT-IDT7200LA120P Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120TD IDT-IDT7200LA120TD Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA12J IDT-IDT7200LA12J Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results

Similar Description - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com