Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200L Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7200L
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200L Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7200L_17 Datasheet HTML 1Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 2Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 3Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 4Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 5Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 6Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 7Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 8Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
DC ELECT RI CAL CH ARACT ERI ST I CS
(Commercial: VCC = 5V ± 10%, TA = 0oC to +70oC; Industrial: VCC = 5V ± 10%, TA = –40oC to +85oC; Military: VCC = 5V ± 10%, TA = –55oC to +125oC)
IDT7200L
IDT7200L
IDT7201LA
IDT7201LA
IDT7202LA
IDT7202LA
Com'l & Ind'l(1)
Military(2)
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30, 50, 80 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
ILI(3)
Input Leakage Current (Any Input)
–1
1
–10
10
µ A
ILO(4)
OutputLeakageCurrent
–10
10
–10
10
µ A
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1(5,6,7)
Active Power Supply Current
80
100
mA
ICC2(5,8)
Standby Current (R=W=RS=FL/RT=VIH)—
5
15
mA
NOTES:
1. Industrial temperature range product for the 15ns and 25 ns speed grades are available as a standard device.
2. Military speed grades of 50ns and 80ns are only available for the IDT7201LA.
3. Measurements with 0.4 ≤ VIN ≤ VCC.
4. R ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
5. Tested with outputs open (IOUT = 0).
6. Tested at f = 20 MHz.
7. Typical ICC1 = 15 + 2*fS + 0.02*CL*fS (in mA) with VCC = 5V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive
load (in pF).
8. All Inputs = VCC - 0.2V or GND + 0.2V.
AC T EST CON DI T I ON S
Input Pulse Levels
GND to 3.0V
InputRise/FallTimes
5ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
Symbol
Parameter
Condition
Max.
Unit
CIN
InputCapacitance
VIN = 0V
8
pF
COUT
OutputCapacitance
VOUT = 0V
8
pF
NOTE:
1. Characterized values, not currently tested.
CAPACI TAN CE (TA = +25°C, f = 1.0 MHz)
or equivalent circuit
2679 drw 03
30pF*
1.1K
5V
TO
OUTPUT
PIN
680Ω
Figure 1. Output Load
* Includes scope and jig capacitances.


Similar Part No. - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200LA120D IDT-IDT7200LA120D Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120J IDT-IDT7200LA120J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120P IDT-IDT7200LA120P Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120TD IDT-IDT7200LA120TD Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA12J IDT-IDT7200LA12J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results

Similar Description - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com