Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200L Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7200L
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200L Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7200L_17 Datasheet HTML 1Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 2Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 3Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 4Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 5Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 6Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 7Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 8Page - Integrated Device Technology IDT7200L_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
PI N CON FI GU RAT I ON S
RECOM M EN DED DC OPERAT I N G
CON DI T I ON S
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage Com'l/Ind'l
2.0
V
VIH(1)
Input High Voltage Military
2.2
V
VIL(2)
Input Low Voltage
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
70
°
C
TA
OperatingTemperatureIndustrial
–40
85
°
C
TA
OperatingTemperatureMilitary
–55
125
°
C
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial).
For RT/RS/XI input, VIH = 2.8V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
ABSOLU T E M AX I M U M RAT I N GS
Symbol
Rating
Com’l & Ind'l
Mil.
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TSTG
Storage
–55 to +125
–65 to +155
°
C
Temperature
IOUT
DC Output
–50 to +50
–50 to +50
mA
Current
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Reference
Order
Package Type
Identifier
Code
PLASTIC DIP(1)
P28-1
P
PLASTIC THIN DIP
P28-2
T P
CERDIP(1)
D28-1
D
THIN CERDIP
D28-3
TD
SOIC
SO28-3
SO
TOP VIEW
Reference
Order
Package Type
Identifier
Code
LCC(1)
L32- 1
L
PLCC
J32-1
J
TOP VIEW
NOTE:
1. The 600-mil-wide DIP (P28-1 and D28-1) and LCC are not available for the IDT7200.
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4 3 2
1
32 31 30
14 15 16 17 18 19 20
INDEX
2679 drw 02b


Similar Part No. - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200LA120D IDT-IDT7200LA120D Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120J IDT-IDT7200LA120J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120P IDT-IDT7200LA120P Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA120TD IDT-IDT7200LA120TD Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200LA12J IDT-IDT7200LA12J Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results

Similar Description - IDT7200L_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com