Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 28 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 28 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT 7647 Datasheet HTML 26Page - PHOENIX CONTACT 7647 Datasheet HTML 27Page - PHOENIX CONTACT 7647 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
28
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
www.phoenixcontact.com
20.12
"Diag State" object
The elements of this object are used for a structured message
of an error.
Object description:
Value range:
21
PCP mode error messages
The terminal error messages have the parameters
Error_Class = 8 (device-specific error) and Error_Code = 0
(no communication error).
The exact error cause is indicated with the Additional Code.
The low byte of the Additional Code specifies the error cause.
The high byte of the Additional Code (xx) contains the number
of the affected element. If several elements are affected, the
highest number is given.
The following Additional Codes can occur on this terminal:
22
Startup and measuring jumper de-
tuning
To start the terminal, proceed as follows:
Install the terminal within the Inline station.
To do so, proceed as described in the package slip.
vor.
Connect the strain gauge in 6 or 4-wire technology (see
"Connection examples").
Connect the voltage to the Inline station.
This power up configures the terminal with the default val-
ues.
If you do not wish to operate the terminal with the default
values, configure the terminal via process data or PCP.
Jumper detuning can now be measured.
Object
Diag State
Access
Read
Data type
Record
6
Index
0018
hex
Subindex
 
 
00
hex
Read all elements
01
hex
Error Number Unsigned 16
02
hex
Priority
Unsigned 8
03
hex
Channel
Unsigned 8
04
hex
Error code
Unsigned 16
05
hex
More infor-
mation fol-
lows
Unsigned 8
06
hex
Text (10 char-
acters)
Visible String
Length
(bytes)
 
11
hex
Subindex 00
hex
02
hex
Subindex 01
hex
01
hex
Subindex 02
hex
01
hex
Subindex 03
hex
02
hex
Subindex 04
hex
01
hex
Subindex 05
hex
0A
hex
Subindex 06
hex
Data
Diagnostic status
Error Number 0 ... 65535
dec
Priority 
Error code = 0000
hex
Prio: 00
hex
Other
Prio: 02
hex
Channel 
Error code = 0000
hex
Channel: 00
hex
Other
01
hex or 02hex
Error code
  
0000
hex
OK
8910
hex
Overrange
8920
hex
Underrange
7710
hex
Line break
5160
hex
Power fail
5010
hex
Hardware fault
More infor-
mation fol-
lows
00
hex
 
Text (10 char-
acters) 
Error code = 0000
hex
Text: Status OK
Other
Error-specific
xx20
hex
Service cannot be executed at present.
xx21
hex
Service cannot be executed at present.
xx30
hex
Value out of range or reserved bits used
0000
hex
Hardware fault
For information on PCP communication,
please refer to the PCP user manuals (see Or-
dering data).
If a sensor is connected after power up, the cor-
responding channel must be configured. After
the configuration the channel is ready for oper-
ation.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com