Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 27 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 27 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT 7647 Datasheet HTML 26Page - PHOENIX CONTACT 7647 Datasheet HTML 27Page - PHOENIX CONTACT 7647 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
27
20.10
"Display String Channel 2" object
The elements of this object contain the data flow of channel 2
that is sent to the display.
Object description:
For a description, see "Display String Channel 1" object.
20.11
"Default Setting" object
The adjustment values of the path adjustment are set individ-
ually or all together to the default setting with this object.
Object description:
Default setting
Where:
Value range:
The value 4 (0100
bin) in the high nibble should prevent that
general values such as 00
hex or FFhex execute a reset to de-
fault values.
If the upper nibble is unequal 4 or the reserved bit 3 is set, a
negative Write Confirmation with the error message 08,00,
A020
hex is generated. This message means that the service
cannot be executed at present.
Object
Display String Channel 2
Access
Read
Data type
Var of Visible String
1 string
Index
0098
hex
Subindex
00
hex
(Only access to all data pos-
sible)
Length
(bytes)
00
hex
Amount of data present in the
buffer
::
xx
hex
Maximum length of the object
Data
Display value of channel 2 in the ASCII for-
mat
Object
Default Setting
Access
Write
Data type
Array of Unsigned 8
2 x 1 byte
Index
009A
hex
Subindex
00
hex
Write all elements
01
hex
Channel 1
02
hex
Channel 2
Length
(bytes)
02
hex
Subindex 00
hex
01
hex
Subindex 01
hex to 02hex
Data
Reset to default settings
Bit
765432
10
Assign-
ment
01000J
N
T
JAdjustment
NZero point
TTare
Adjustment
0
No action
1
Set adjustment to default value
(1.0) and store in EEPROM
Zero point
0
No action
1
Set zero point to default value (0.0)
and store in EEPROM
Tare
0
No action
1
Set tare to the default value (0.0)


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com