Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 25 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 25 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT 7647 Datasheet HTML 26Page - PHOENIX CONTACT 7647 Datasheet HTML 27Page - PHOENIX CONTACT 7647 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
25
20.7
"Control Static" object
The elements of this object are used for the path adjustment.
Object description:
"Control Static" for each channel
Where:
Value range:
The "Adjustment" and "Determine zero point" actions are
used for the path adjustment. The values are stored in a non-
volatile way in the EEPROM.
When there is an adjustment to be done and an adjustment
value has not yet been determined with "Config Table", a neg-
ative Write Confirmation with the error message 08, 00,
0021
hex is generated. This message means that the service
cannot be executed at present.
20.8
"Status" object
The elements of this object contain the status of the status
LEDs of the display as well as information about the default of
the adjustment values.
Object description:
"Status" of each channel
Value range:
Object
Control Static
Access
Write
Data type
Array of Unsigned 8
2 x 1 byte
Index
0092
hex
Subindex
00
hex
Write all elements
01
hex
Channel 1
02
hex
Channel 2
Length
(bytes)
02
hex
Subindex 00
hex
01
hex
Subindex 01
hex to 02hex
Data
Static control of path adjustment
Bit
765
4
3
210
Assignment
0
0
0
0
K
a-Kb
JN
0
K
a-Kb
N/O contact K
a-Kb
JAdjustment
NZero point
K
a-Kb
0
Open N/O contact K
a-Kb
1
Close N/O contact K
a-Kb
Adjustment
0
No action
1Adjusting
Zero point
0
No action
1
Determine zero point
Do not carry out the actions "Adjustment" and
"Determine zero point" at the same time.
Object
Status
Access
Read
Data type
Array of Unsigned 8
2 x 1 byte
Index
0093
hex
Subindex
00
hex
Read all elements
01
hex
Channel 1
02
hex
Channel 2
Length
(bytes)
02
hex
Subindex 00
hex
01
hex
Subindex 01
hex to 02hex
Data
Status of the display LEDs and information
about the default setting; see below for the
bit assignment
Bit
7654321
0
Assign-
ment
000
Def
0
NET
-0-
><
Def (Default)
0
The adjustment values of the path
adjustment correspond to the de-
fault setting.
1
The adjustment values of the path
adjustment do not correspond to
the default setting.
NET, -0-, ><
0
LED OFF
1LED ON
The bits NET, -0- and >< are only maintained
when the display is active, i.e. the nominal load
is unequal 0.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com