Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 24 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 24 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT 7647 Datasheet HTML 26Page - PHOENIX CONTACT 7647 Datasheet HTML 27Page - PHOENIX CONTACT 7647 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
24
20.4
"Measured Value Float" object
The elements of this object contain the measured values in
the highest accuracy of the terminal.
Object description:
20.5
"Display Value Float" object
The elements of this object contain the display values of the
channels in the highest accuracy of the terminal.
Object description:
20.6
"Control Dynamic" object
The elements of this object are used for the tare weight ad-
justment.
Object description:
"Control Dynamic" for each channel
Value range:
The tare value is not stored in the EEPROM. After power up,
the value = 0.
Object
Measured Value Float
Access
Read
Data type
Array of Records
2 x 6 bytes
Index
0082
hex
Subindex
00
hex
Read all elements
01
hex
Measured value of channel 1
(Record)
02
hex
Measured value of channel 2
(Record)
Length
(bytes)
0C
hex
Subindex 00
hex
06
hex
Subindex 01
hex to 02hex
Data
Measured values in the extended float for-
mat
Object
Display Value Float
Access
Read
Data type
Array of Records
2 x 6 bytes
Index
0083
hex
Subindex
00
hex
Read all elements
01
hex
Display value of channel 1
(Record)
02
hex
Display value of channel 2
(Record)
Length
(bytes)
0C
hex
Subindex 00
hex
06
hex
Subindex 01
hex to 02hex
Data
Display values of the channels in the ex-
tended float format
Object
Control Dynamic
Access
Write
Data type
Array of Unsigned 8
2 x 1 byte
Index
0091
hex
Subindex
00
hex
Write all elements
01
hex
Channel 1
02
hex
Channel 2
Length
(bytes)
02
hex
Subindex 00
hex
01
hex
Subindex 01
hex to 02hex
Data
Control of tare weight adjustment;
See below for the bit assignment
Bit
7654321
0
Assign-
ment
0000000
Tare
Tare 
0No action
1
Make a tare weight adjustment


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com