Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 19Page - PHOENIX CONTACT 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT 7647 Datasheet HTML 26Page - PHOENIX CONTACT 7647 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
23
20.2
"Analog Values" object
The elements of this object contain the analog values of the
channels in IB IL format.
Object description:
20.3
Extended Float Format for objects 0082
hex and
0083
hex
The Extended Float Format is a specially defined format. It
consists of the measured value in the float format, a status
and a unit code. The construct is defined as a Record.
Status is necessary because the float format defines no pat-
terns providing information on the status of the numerical
value.
Status corresponds to the LSB of the Inline diagnostic codes
(e.g. overrange: Status = 01, Inline diagnostic code =
8001
hex). If Status = 0, the measured value is valid.
Record structure:
"Units Code" combines the ASCII characters of the "Config
Table" in an 8-bit code.
Structure of the float format according to IEEE 754 in the bit
representation:
Some example values for conversion from floating point to
hexadecimal representation:
Object
Analog Values
Access
Read
Data type
Array of Unsigned 16
2 x 2 bytes
Index
0081
hex
Subindex
00
hex
Read all elements
01
hex
Analog value of channel 1
02
hex
Analog value of channel 2
Length
(bytes)
04
hex
Subindex 00
hex
02
hex
Subindex 01
hex to 02hex
Data
Analog values of the channels
Element
Data type
Length in
bytes
Meaning
1
Float
4
Value in the float for-
mat acc. to IEEE 754
2Unsigned 8
1
Status
3
Unsigned 8
1
Unit code
Code
Unit
57 (39
hex)
Percentage (%)
61 (3D
hex)
Kilograms (kg)
VEEE EEEE
EMMM MMMM
MMMM MMMM
MMMM MMMM
SB
1 sign bit, 0: positive, 1: negative
E
8 bits exponent with offset 7F
hex
M
23 bits mantissa
Floating point
Hexadecimal representa-
tion
1.0
3F 80 00 00
10.0
41 20 00 00
1.03965528
3F 85 13 6D
- 1.0
BF 80 00 00


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com