![]() |
Electronic Components Datasheet Search |
|
7647 Datasheet(PDF) 22 Page - PHOENIX CONTACT |
|
|
7647 Datasheet(HTML) 22 Page - PHOENIX CONTACT |
22 / 28 page ![]() IB IL SGI 2/P-PAC 7647_en_04 PHOENIX CONTACT 22 20 PCP object description 20.1 "Config Table" object Configure the terminal using this object. Object description: Element value range The "Configuration channel x" elements have the following structure: Where: Nominal load (MAX) element: Adjustment value element: Please note for the "Nominal load (MAX)" element: If MAX = 0, no value is output on the display of the channel. MAX dimensions the maximum value of the display and the display format. MAX corresponds to a detuning of 100%. The use of MAX provides for the maximum value of a sensor to be input. Example: Sensor with 1 mV/V and MAX = 50 kg. Configura- tion of the terminal with MAX = 50 dec. Then the display corre- sponds directly to the measured weight in kg. If an invalid configuration is specified, a negative confirmation is generated with error message 08 hex, 00hex or xx30hex. The low byte of the Additional_Error_Code is 30 hex (value is out of range), the high byte contains the number of the affected ele- ment. Example: Config Table is completely written with data (subin- dex 00) and the entry for channel 2 is invalid. In this case, the Additional_Error_Code is equal to 0230 hex. Please note for the "Adjustment value" element: The value is specified as a percentage of MAX. An LSB cor- responds to 0.004%. Example: Sensor with 50 kg nominal load (MAX). It should be adjusted to 25 kg. Then the adjustment value corresponds to 50% of MAX. Determine the adjustment value as follows: 50% / 0.004% = 12500. Therefore configure the adjustment value with 12500 dec. Object Config Table Access Read, write Data type Array of Records Record = 4 x Unsigned 16 2 x 8 bytes Index 0080 hex Subindex 00 hex Write all elements 01 hex Configuration of channel 1 Nominal load (MAX) of channel 1 Adjustment value of channel 1 Reserved 02 hex Configuration of channel 2 Nominal load (MAX) of channel 2 Adjustment value of channel 2 Reserved Length (bytes) 10 hex Subindex 00 hex 08 hex Subindex 01 hex to 02hex Data Terminal configuration OUT1 and OUT2 Bit 15 14 13 12 11 10 987 65 4 3210 Assign- ment 00 000 M 0 0 0 0 W N MMean-value WConversion time N Nominal characteristic value Value range: See "Parameters for configuration" Default value: See "Parameters for configuration" Value range: 0 ... 65535 dec Default value: 0 Value range: 0 ... 32767 dec Default value: 0 Nominal load (MAX) Display format 1 ... 9 1.2345 10 ... 99 12.345 100 ... 999 123.45 1000 ... 9999 1234.5 10000 ... 65535 12345 Jumper differ- ence Process data value Display 0.5 mV/V 12500 dec -> 50% 25.000 1.0 mV/V 25000 dec -> 100% 50.000 |
Similar Part No. - 7647 |
|
Similar Description - 7647 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |