Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 17Page - PHOENIX CONTACT 7647 Datasheet HTML 18Page - PHOENIX CONTACT 7647 Datasheet HTML 19Page - PHOENIX CONTACT 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT 7647 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
21
19
PCP communication
19.1
General information
By default upon delivery, the terminal is configured according
to the default settings (under configuration). The terminal can
be configured using process data or PCP to suit your applica-
tion.
In PCP mode, the terminal is configured with the "Config Ta-
ble" object.
19.2
Object dictionary for PCP communication
For information on PCP communication,
please refer to the PCP user manuals (see Or-
dering data).
The programs IBS CMD (for standard control-
ler boards) and PC WorX (for Controllers (ILC),
Field Controllers (FC) and Remote Field Con-
trollers (RFC)) are available for the configura-
tion and parameterization of your INTERBUS
system.
For additional information, please refer to the
documentation of the software used.
Index
Data type
A
L
Meaning
Object name
Rights
0080
hex
Record
2
8
Terminal configuration
Config Table
rd/wr
0081
hex
Unsigned 16
2
2
Analog values of the chan-
nels
Analog Values
rd
0082
hex
Record
2
6
Measured values in the ex-
tended float format
Measured Value Float
rd
0083
hex
Record
2
6
Display value in the extended
float format
Display Value Float
rd
0091
hex
Unsigned 8
2
1
Dynamic control of tare
weight adjustment
Control Dynamic
wr
0092
hex
Unsigned 8
2
1
Static control of path adjust-
ment
Control Static
wr
0093
hex
Unsigned 8
2
1
Status of the Inline terminal
Status
rd
0097
hex
Var of Visible
String
1
 
Display string of channel 1
Display String Channel 1
rd
0098
hex
Var of Visible
String
1
 
Display string of channel 2
Display String Channel 2
rd
009A
hex
Unsigned 8
2
1
Reset to default settings
Default Setting
wr
0018
hex
Record
6
 
Diagnostics
Diag State
rd
A
Number of elements
 
rd
Read access permitted
 
L
Length of an element in bytes
 
wr
Write access permitted
 


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com