Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 16Page - PHOENIX CONTACT 7647 Datasheet HTML 17Page - PHOENIX CONTACT 7647 Datasheet HTML 18Page - PHOENIX CONTACT 7647 Datasheet HTML 19Page - PHOENIX CONTACT 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT 7647 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
20
18.2
Input words IN1 and IN2
The measured values, configuration or firmware version are
transmitted to the controller board or the PC via process data
input words IN1 an IN2 according to the configuration.
For control word 3C00
hex, IN1 provides the firmware version
and the module ID.
The module ID for the terminal is 3
hex.
Example: Firmware version 1.23
Measured values
The measured values are available in IB IL format.
The measured value is represented in bits 14 to 0. An addi-
tional bit (bit 15) is available as a sign bit.
The IB IL format supports extended diagnostics.
Values >8000
hex and <8100hex indicate an error.
The following diagnostic codes are possible:
An open circuit is detected according to the following table:
Typical measured values:
To calculate the detuning as a percentage for other measured
values, please use the following formula:
Detuning = Process data value * 0.004 or
Detuning = Process data value/250
Example:
Detuning = 10000/250 =40%
40% of 2 mV/V = 0.8 mV/V
 
IN1
Bit
15
14
13
12
11
10 987 6543 21 0
Assign-
ment (hex)
12
3
3
Meaning
Firmware version 1.23
Mod-
ule ID
15
14
13
12
11
10
9
8
76
543
21
0
SB
Analog value
Bit 15:
Most significant bit (MSB)
Bit 0:
Least significant bit (LSB)
SB
Sign bit
Code (hex)
Error
8001
Measuring range exceeded (overrange)
8002
Open circuit
8004
Measured value invalid/no valid measured
value available
8020
Faulty supply voltage
8040
Device faulty
8080
Below measuring range (underrange)
Faulty sensor cable
Open-circuit message in
diagnostics
+U
V
No
GND
Uv
Yes
+U
0
Yes
-U
0
Yes
+U
d
Yes
-U
d
Yes
Please observe the notes regarding open cir-
cuit message under "Local diagnostic indica-
tors"
Detuning in % of
nominal value
[%]
Input word [hex]
Input word [dec]
> 130.048
8001
Overrange
+130.048
7F00
32512
+100.000
61A8
25000
+1.000
00FA
250
+0.004
0001
1
0.0
0000
0
-0.004
FFFF
-1
-100.000
9E58
-25000
-130.048
8100
-32512
< -130.048
8080
Underrange
-
8002
Open circuit
Nominal characteristic value
±2 mV/V
Process data value
10000
dec


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com