Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 15Page - PHOENIX CONTACT 7647 Datasheet HTML 16Page - PHOENIX CONTACT 7647 Datasheet HTML 17Page - PHOENIX CONTACT 7647 Datasheet HTML 18Page - PHOENIX CONTACT 7647 Datasheet HTML 19Page - PHOENIX CONTACT 7647 Datasheet HTML 20Page - PHOENIX CONTACT 7647 Datasheet HTML 21Page - PHOENIX CONTACT 7647 Datasheet HTML 22Page - PHOENIX CONTACT 7647 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
19
Parameters for configuration
The values displayed in bold are pre-settings.
Bits 10 to 9:
Bit 4:
Bit 3 to bit 0:
Step response and limit frequencies
The following table specifies the time for the step response
and the limit frequency depending on the settings for conver-
sion time and mean-value.
18
Process data input words IN
18.1
Input word IN0 (status word)
Input word IN0 performs the task of a status word.
EB: Error Bit
The error bit indicates whether a command could be executed
without errors or not.
For the command code 4000hex (configure device), a set
error bit indicates an invalid configuration. Possible reasons:
At least one of reserved bits is set.
An invalid value was specified for the nominal character-
istic value.
For the command code 0000
hex (read measured values), the
error bit indicates a group error message. When the error bit
is set, there is an error message on one or both channels.
Mirrored command code:
A command code mirrored from the control word. Here, the
MSB is suppressed.
Code
M: Mean-value
dec
bin
0
00
16-sample mean-value
1
01
No mean-value
2
10
4-sample mean-value
3
11
32-sample mean-value
Code
C: Conversion time of the analog-dig-
ital converter
dec
bin
00100 ms
1112.5 ms
Code
N: Nominal specific value
dec
bin
00000
±1 mV/V
10001
±2 mV/V
20010
±3 mV/V
3
0011
±3.33 mV/V
40100
±4 mV/V
50101
±5 mV/V
Other
Invalid
Conver-
sion time
Mean-
value
Step response
from 0% to 100%
(typical)
Limit fre-
quency (typ-
ical)
100 ms
32-sample 3.4 s
0.15 Hz
100 ms
16-sam-
ple
1.8 s
0.3 Hz
100 ms
4-sample
600 ms
1 Hz
100 ms
None
200 ms
2.5 Hz
12.5 ms
32-sample 425 ms
1 Hz
12.5 ms
16-sample 225 ms
2.5 Hz
12.5 ms
4-sample
75 ms
10 Hz
12.5 ms
None
25 ms
20 Hz
 
IN0
Bit
15
14 ... 8
7
6
543
21
0
Assign-
ment
EB
SP
00
000
00
0
EB = 0
No error has occurred.
EB = 1
An error has occurred.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com