![]() |
Electronic Components Datasheet Search |
|
7647 Datasheet(PDF) 18 Page - PHOENIX CONTACT |
|
|
7647 Datasheet(HTML) 18 Page - PHOENIX CONTACT |
18 / 28 page ![]() IB IL SGI 2/P-PAC 7647_en_04 PHOENIX CONTACT 18 17.1 Output word OUT0 (control word) Bit 15 to bit 8 (command code): 17.2 Output words OUT1 and OUT2 (parameter words) For command 4000 hex the parameters must be specified in OUT1 and OUT2. This parameter word is only evaluated for this command. Where: OUT0 Bit 15 ... 8 7 6 543 21 0 Assign- ment Command code 00 000 00 0 Bit 15 ... 8 OUT0 [hex] Command function 00000000 0000 Reading measured values 0001000C 1x00 Read configuration in IN1 channel-by-channel. C = Channel number; 0 = Channel 1, 1 = Chan- nel 2) 00110000 3000 Read minimum value; IN1: Minimum value chan- nel 1 IN2: Minimum value channel 2 00110001 3100 Read maximum value; IN1: Maximum value channel 1, IN2: Maximum value channel 2 00110010 3200 Delete minimum and maxi- mum value of channel 1 00110011 3300 Delete minimum and maxi- mum value of channel 2 00111100 3C00 Read firmware version and module ID in IN1. 01000000 4000 Configure device; configura- tion for channel 1 in OUT1 and for channel 2 in OUT2 During the transient response (e.g., following a configuration command), the fluctuating mea- sured values may exceed the minimum and maximum values. Therefore, at the start of ac- quisition delete the minimum and maximum values using command 3200 hex and/or 3300 hex. The minimum value is set to the larg- est positive number (7FF hex = 32767dec) when deleting. The maximum value is set to the larg- est negative number (8000 hex = -32768dec). OUT1 and OUT2 Bit 15 14 13 12 11 10 987 65 4 3 21 0 Assign- ment 00 0000 M 0 0 0 W N M Mean-value Selects mean-value generation. After every conversion, the measured value is saved in a mean-value memory via which the mean-value is generated. The memory size can be selected with the mean-value option. E.g., for a 16- sample mean-value, the mean-value is generated using the last 16 mea- sured values. WConversion time Conversion time of the analog/digital converter NNominal characteris- tic value Selects the measuring range Set all unused bits to 0. If invalid parameters are specified in the pa- rameter word, the command will not be execut- ed. The command is acknowledged in the input words with the set error bit. |
Similar Part No. - 7647 |
|
Similar Description - 7647 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |