Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 11Page - PHOENIX CONTACT 7647 Datasheet HTML 12Page - PHOENIX CONTACT 7647 Datasheet HTML 13Page - PHOENIX CONTACT 7647 Datasheet HTML 14Page - PHOENIX CONTACT 7647 Datasheet HTML 15Page - PHOENIX CONTACT 7647 Datasheet HTML 16Page - PHOENIX CONTACT 7647 Datasheet HTML 17Page - PHOENIX CONTACT 7647 Datasheet HTML 18Page - PHOENIX CONTACT 7647 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
15
14
Display devices
A digital display from Siebert Industrieelektronik GmbH may
be connected to the RS-485 interface of the terminal (see fol-
lowing table).
Ordering types are, for example:
Character height: 14 mm, 57 mm, 100 mm, 160 mm, or
250 mm
Character color: Red, white, green
Display: Single or double-sided
Dimension symbols (fixed on strips, specify when order-
ing):
F101 for g, F102 for kg, F103 for t
Degree of protection: IP40, IP54, IP65
Assembly: Panel, wall and suspended mounting
Operating voltage: 24 V DC, 230 V DC
–...
Siebert Industrieelektronik GmbH
Siebertstrasse,
66571 Eppelborn, Germany
Postfach 1180,
66571 Eppelborn, Germany
Phone:
+49 (0) 6806/980-0
Fax:
+49 (0) 6806/980-999
Internet:
www.siebert.de
E-mail:
info@siebert.de
Please contact Siebert Industrieelektronik
GmbH for further information or ordering types.
Feature
Digital display S102
for panel mounting
Large size display S302
for indoor installation
Large size display S302
for outdoor installation
Order designation S102-W6/14/0R-000/0B-SL with
dimension symbol F102
S302-F6/10/0R-100/0A-SL with
dimension symbol F102
S302-F6/10/0R-114/0A-SL with
dimension symbol F102 and
weather protection hood -1011
Dimensions
(W x H x D)
96 mm x 48 mm x 70 mm
870 mm x 245 mm x 145 mm
870 mm x 245 mm x 145 mm
Character height
14 mm
100 mm
100 mm
Reading distance
 
Up to 40 m
Up to 40 m
Character color
Bright red LED display
Bright red LED display for in-
doors
Red "super bright" LED display
for outdoors
Display
6 digits
6 digits, single-sided
6 digits, single-sided
Dimension sym-
bol
kg (F102)
kg (F102)
kg (F102)
Interface
Serial (RS-485)
Serial (RS-485)
Serial (RS-485)
Degree of protec-
tion
IP40
IP54
IP54
with climate compensation, heat-
ing and weather protection hood
Assembly
Panel mounting
Wall mounting,
cable entry at bottom
Wall mounting,
cable entry at bottom
Operating voltage
24 V DC
230 V AC
230 V AC
Other
  
Steel sheet housing,
double-layer painting


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com