Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 10Page - PHOENIX CONTACT 7647 Datasheet HTML 11Page - PHOENIX CONTACT 7647 Datasheet HTML 12Page - PHOENIX CONTACT 7647 Datasheet HTML 13Page - PHOENIX CONTACT 7647 Datasheet HTML 14Page - PHOENIX CONTACT 7647 Datasheet HTML 15Page - PHOENIX CONTACT 7647 Datasheet HTML 16Page - PHOENIX CONTACT 7647 Datasheet HTML 17Page - PHOENIX CONTACT 7647 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
14
13.2
6-wire connection (several strain gauge load
cells per channel)
Each channel can supply a current of up to 90 mA. For in-
stance, 6 load cells with a basic resistance of 350 Ω may be
connected in parallel.
Figure 7
Connection of several strain gauges in 6-wire
technology
13.3
4-wire connection with a shunt resistor
The following figure shows the connection of a resistive pres-
sure sensor with an 80% calibration. This sensor is typically
used for injection molding of plastics.
Figure 8
Connection of strain gauges in 4-wire technol-
ogy with a shunt resistor
Channel 1/channel 2: Strain gauges can also be connected
to the terminal in 4-wire technology.
In this case connect +U
V with +U0 and GNDUv with -U0.
There is no temperature and long-term drift compensation for
the connecting cable in 4-wire technology.
Key:
R
L:
Cable resistance
1
1
1.2
2.2
1.3
2.3
1.4
2.4
1.1
2.1
R
L
R
L
R
L
R
L
R
L
R
L
U
V
U
V
U
V
U
0
U
0
U
0
U
d
U
d
U
d
R
R
R
R
R
R
R
R
R
R
R
R
+U
V
+U
0
+U
d
-U
d
-U
0
GND
UV
FE
Connector
Channel
Strain gauge1
Strain gauge2
Distribution
Strain gaugen
Key:
R
L:
Cable resistance
+Uv1
+U01
Tx+
+Ud1
FE
FE
Ka1
GND
Uv
GND
Tx
GND
Tx
-U01
Tx-
-Ud1
FE
FE
Kb1
TR
CH1
CH2
D
R
L
R
L
R
CAL
12


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com