Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 9Page - PHOENIX CONTACT 7647 Datasheet HTML 10Page - PHOENIX CONTACT 7647 Datasheet HTML 11Page - PHOENIX CONTACT 7647 Datasheet HTML 12Page - PHOENIX CONTACT 7647 Datasheet HTML 13Page - PHOENIX CONTACT 7647 Datasheet HTML 14Page - PHOENIX CONTACT 7647 Datasheet HTML 15Page - PHOENIX CONTACT 7647 Datasheet HTML 16Page - PHOENIX CONTACT 7647 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
13
13
Connection examples
13.1
6-wire connection (a strain gauge load cell per channel) with two indicators
The RS-485 interface has bus capability and can operate several devices. When an address is selected, the current mea-
sured value of channel 1 or channel 2 can be displayed.
Use a twisted-pair, shared and shielded data line to connect the displays. Fit a termination resistor to the data cable at the
most remote point of the RS-485 network. Use the integrated termination resistors of the display for this purpose.
Figure 6
Connection of strain gauges in 6-wire technol-
ogy
R
L
R
L
+Uv1
+U01
Tx+
+Ud1
FE
FE
Ka1
GND
Uv
GND
Tx
GND
Tx
-U01
Tx-
-Ud1
FE
FE
Kb1
TR
CH1
CH2
D
12
COM
Rx+ Rx-ZR
COM
Rx+ Rx-ZR
S102 Address 1
S302 Address 2
Key:
R
L:
Cable resistance
Address 1:
Displays the measured value of chan-
nel 1
Address 2:
Displays the measured value of chan-
nel 2
The RS-485 interface transmits a special
weighing protocol.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com