Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT 7647 Datasheet HTML 10Page - PHOENIX CONTACT 7647 Datasheet HTML 11Page - PHOENIX CONTACT 7647 Datasheet HTML 12Page - PHOENIX CONTACT 7647 Datasheet HTML 13Page - PHOENIX CONTACT 7647 Datasheet HTML 14Page - PHOENIX CONTACT 7647 Datasheet HTML 15Page - PHOENIX CONTACT 7647 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
12
12
Notes on using the terminal block in
potentially explosive areas
Approval according to EC directive 94/9/EC
II 3 G Ex nA IIC T4 Gc X
Installation notes
1.
This Inline terminal is a category 3 device and is suitable
for installation in the potentially explosive areas of
zone 2.
The device meets the requirements of EN 60079-0:2009
and EN 60079-15:2010.
2.
The Inline terminal must only be installed, operated, and
maintained by qualified personnel.
3.
Please follow the installation instructions given in the
IL SYS INST UM E user manual and the package slip.
4.
When installing and operating the device, the applicable
safety directives (including national safety directives), ac-
cident prevention regulations, as well as general techni-
cal regulations, must be observed.
5.
Please refer to the corresponding documentation (user
manual, data sheet, package slip) and the certificates
(declaration of conformity and other approvals, if applica-
ble) for safety-related data.
6.
Access to the circuits inside the Inline terminal is not per-
mitted. Do not repair the Inline terminal by yourself but re-
place it with a terminal of the same type.
Repairs may only be performed by the manufacturer. The
manufacturer is not liable for damage resulting from non-
compliance.
7.
The IP20 degree of protection (EN  60529) of the device
is intended for a clean and dry environment.
8.
Do not subject the Inline terminal to mechanical strain
and/or thermal loads, which exceed the limits specified in
the product documentation.
9.
The Inline terminal has not been designed for use in po-
tentially dust-explosive atmospheres.
Installation in zone 2
1.
Observe the specified conditions for use in potentially ex-
plosive areas.
2.
Install the device in a suitable approved housing (with at
least IP54 degree of protection) that meets the require-
ments of EN 60079-15. Observe the requirements of
EN 60079-14.
3.
In potentially explosive areas, the Inline terminal may only
be snapped on or off and cables may only be connected
when the power is switched off.
4.
In zone 2, only connect devices to the supply and signal
circuits that are suitable for operation in potentially explo-
sive areas of zone 2 and the conditions at the installation
location.
Restrictions/limit values
1.
Only Inline terminals that are approved for use in po-
tentially explosive areas may be assembled on this
Inline terminal.
Before using an Inline terminal in a zone 2 potentially ex-
plosive area, check whether it has been approved for in-
stallation within this area.
For a list of terminals that are approved for the potentially
explosive areas of zone 2, please refer to the AH EN IL
EX ZONE 2 application note.
2.
The maximum permissible current for each tension
spring contact is 2 A.
WARNING: Explosion hazard
Please make sure that the following notes and
instructions are observed.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com