Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT 7647 Datasheet HTML 10Page - PHOENIX CONTACT 7647 Datasheet HTML 11Page - PHOENIX CONTACT 7647 Datasheet HTML 12Page - PHOENIX CONTACT 7647 Datasheet HTML 13Page - PHOENIX CONTACT 7647 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
10
8
Terminal point assignment
Figure 3
Terminal point assignment
9
Electrical isolation
Figure 4
Electrical isolation of the individual function
areas
10
Installation instructions
High current flowing through potential jumpers U
M and US
leads to a temperature rise in the potential jumpers and inside
the terminal. To keep the current flowing through the potential
jumpers of the analog terminals as low as possible, always
place the analog terminals after all the other terminals at the
end of the main circuit (for the sequence of the Inline termi-
nals: see also IL SYS INST UM E user manual).
Terminal
point
Signal
Assignment
Connector 1
1.1 / 2.1
+U
V1/GNDUv
Jumper supply U
V1
1.2 / 2.2
+U
01/-U01
Jumper voltage U
01
1.3 / 2.3
+U
d1/-Ud1
Jumper difference U
d1
1.4 / 2.4
FE
Shield connection
Connector 2
1.1 / 2.1
Tx+ / Tx-
RS-485 interface
1.2 / 2.2
GND
Tx
Reference potential of the
RS-485 interface
1.3 / 2.3
K
a1/Kb1
N/O contact for shunt cali-
bration of channel 1
1.4 / 2.4
FE
Shield connection
Connector 3
1.1 / 2.1
+U
V2/GNDUv
Jumper supply U
V2
1.2 / 2.2
+U
02/-U02
Jumper voltage U
02
1.3 / 2.3
+U
d2/-Ud2
Jumper difference U
d2
1.4 / 2.4
FE
Shield connection
Connector 4
1.1 / 2.1
-
Not used
1.2 / 2.2
-
Not used
1.3 / 2.3
K
a2/Kb2
N/O contact for shunt cali-
bration of channel 2
1.4 / 2.4
FE
Shield connection
12
1
2
3
4
1
2
3
4
12
1
2
3
4
1
2
3
4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
No definition is available for the designations of
sensor cables. For this reason, the designa-
tions used in data sheets may deviate from
those used by sensor manufacturers.
Examples:
Bridge voltage U
0x = sense input US
Bridge difference U
dx = signal or output
A
B
N/O contact
Ka–Kb
Analog
inputs
Jumper
supply
Electrical isolation
between area
A and B
RS-485
Local bus (OUT)
U(7.5 VDC)
L
U
(24 VDC)
ANA
RS–485
Analog
I/O
Logic area
(microprocessor,
protocol chip,
bus interface)
Local bus (IN)
U(7.5 VDC)
L
U
(24 VDC)
ANA
FE potential


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com