Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  7647 Datasheet HTML 1Page - PHOENIX CONTACT 7647 Datasheet HTML 2Page - PHOENIX CONTACT 7647 Datasheet HTML 3Page - PHOENIX CONTACT 7647 Datasheet HTML 4Page - PHOENIX CONTACT 7647 Datasheet HTML 5Page - PHOENIX CONTACT 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1Description
Inline analog strain gauge input terminal,
two precise inputs, 4, 6-wire connection method
IB IL SGI 2/P-PAC
© PHOENIX CONTACT
Data sheet
The terminal is designed for use within an Inline station.
This terminal provides a precision input module to connect
weighing cells, force transducers, mass force transducers
and comparable, based on the strain gauges.
The strain gauges can be connected using 6 or 4-wire tech-
nology.
Thanks to a serial interface the measured value can be output
directly on a weight display.
There are two options for data exchange:
Via process data
Via PCP (both inputs in the "Analog Values" PCP object)
The measured values are represented by standardized 16-bit
values.
Features
Two high-precision inputs for the strain gauges
Measuring ranges adjusted with nominal characteristic
values upon delivery ±1 mV/V, ±2 mV/V, ±3 mV/V,
±3.33 mV/V, ±4 mV/V and ±5 mV/V
Path adjustment in the process environment
Connection of the strain gauges with 6- and 4-wire tech-
nology
Sensor supply voltage provided by the terminal, no exter-
nal power supply required
For each channel: Low-resistance, floating N/O contact
for the 80% calibration (shunt calibration)
Serial interface for external weight displays
Channels are configured independently of one another
using the bus system.
Tare weight adjustment
Status message when zero point is reached and resting
of measured value
Diagnostic indicators
Hardware version 01 or later:
Approved for use in zone 2 potentially explosive areas
WARNING: Explosion hazard when used in potentially explosive areas
When using the terminal in potentially explosive areas, observe the corresponding notes.
This data sheet is only valid in association with the IL SYS INST UM E user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at www.phoenixcontact.net/products.
7647_en_04
2013-01-17


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com