Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 3Page - PHOENIX CONTACT 7647 Datasheet HTML 4Page - PHOENIX CONTACT 7647 Datasheet HTML 5Page - PHOENIX CONTACT 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT 7647 Datasheet HTML 10Page - PHOENIX CONTACT 7647 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
7
5
Additional tables
The typical values contain the typical offset error, gain error
and linearity error in the respective configuration related to the
positive measuring range up to 100% of the nominal charac-
teristic value.
This data is valid for nominal operation (preferred mounting
position, U
S= 24 V) with a conversion time of 100 ms and a
16-sample average value.
The maximum tolerance values represent the worst case
measurement inaccuracy. Besides the maximum offset error,
the gain error and the linearity error, the maximum tolerance
values also comprise the longtime drift as well as the maxi-
mum tolerances of the test and calibration equipment.
Please also observe the values for temperature drift and the
tolerances under influences of electromagnetic interferences.
The values refer to nominal operation with default settings.
The typical value contain the typical offset value and gain
value in the respective configuration in the temperature range
from -25°C up to +55°C related to the positive measuring
range up to 100% of the nominal characteristic value.
This data is valid for nominal operation (preferred mounting
position, U
S= 24 V) with a conversion time of 100 ms and a
16-sample average value.
The maximum tolerance values represent the worst case
measurement inaccuracy. Besides maximum offset and gain
drift, they also comprise longtime drift as well as the maximum
tolerances of the test and calibration equipment.
Tolerances at T
A = 25°C
Nominal characteristic
value
Relative deviation in %
related to the measuring
range final value
Typical
Maximum
±1 mV/V, ±2 mV/V, ±3 mV/V,
±3.33 mV/V, ±4 mV/V, ±5 mV/V
±0.01%
±0.05%
Additional tolerances influenced by electromagnetic
fields
Type of electromagnetic
interference
Typical deviation in %
related to the measuring
range final value
Electromagnetic fields; field strength
10 V/m according to EN 61000-4-3/
IEC 61000-4-3
< ±0.1%
Conducted interference, Class 3
(10 V test voltage) according to
EN 61000-4-6/IEC 61000-4-6
-
Fast transients (burst) up to an inter-
ference voltage of ±2.2 kV in acc.
with EN 61000-4-4 /
IEC 61000-4-4
-
Temperature and drift response (T
A = -25°C ... +55°C)
 
Relative drift in ppm/K
related to the measuring
range final value
Typical
Maximum
±1 mV/V, ±2 mV/V, ±3 mV/V,
±3.33 mV/V, ±4 mV/V, ±5 mV/V
5 ppm/K
15 ppm/K


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com