Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 7647 Datasheet HTML 2Page - PHOENIX CONTACT 7647 Datasheet HTML 3Page - PHOENIX CONTACT 7647 Datasheet HTML 4Page - PHOENIX CONTACT 7647 Datasheet HTML 5Page - PHOENIX CONTACT 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT 7647 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
6
Output address area
6 Byte
Parameter channel (PCP)
2 Byte
Register length (bus)
64 Bit
Programming Data
PROFIBUS telegram data
Required parameter data
23 Byte
Need for configuration data
5 Byte
Error messages to the higher level control or computer system
Failure of the power supply at U
ANA
Error message in the process data
Failure of or insufficient communications power U
L
I/O error message sent to the bus coupler
Peripheral fault
Error message in the process data
Electrical isolation/isolation of the voltage areas
Logic/analog I/O (digital isolator)
500 V AC, 50 Hz, 1 min
RS-485/analog I/O (isolating distance)
500 V AC, 50 Hz, 1 min
N/O contact K
a1 - Kb1 / analog I/O (isolating distance)
500 V AC, 50 Hz, 1 min
N/O contact K
a2 - Kb2 / analog I/O (isolating distance)
500 V AC, 50 Hz, 1 min
Functional earth ground/analog I/O (isolating distance)
500 V AC, 50 Hz, 1 min
Logic/RS-485 (digital isolator)
500 V AC, 50 Hz, 1 min
N/O contact K
a1 - Kb1 / RS-485 (isolating distance)
500 V AC, 50 Hz, 1 min
N/O contact K
a2 - Kb2 / RS-485 (isolating distance)
500 V AC, 50 Hz, 1 min
Functional earth ground/RS-485 (isolating distance)
500 V AC, 50 Hz, 1 min
Logic / N/O contact K
a1 - Kb1 (optocoupler)
500 V AC, 50 Hz, 1 min
N/O contact K
a2 - Kb2/N/O contact Ka1 - Kb1 (isolating distance)
500 V AC, 50 Hz, 1 min
Functional earth ground / N/O contact K
a1 - Kb1 (isolating distance)
500 V AC, 50 Hz, 1 min
Logic / N/O contact K
a2 - Kb2 (optocoupler)
500 V AC, 50 Hz, 1 min
Functional earth ground / N/O contact K
a2 - Kb2 (isolating distance)
500 V AC, 50 Hz, 1 min
Logic/functional earth ground (isolating distance)
500 V AC, 50 Hz, 1 min
Approvals
For the latest approvals, please visit www.phoenixcontact.net/products.


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
   Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
   Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
   Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
   Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
   Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
   Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
   Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com