Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  7647 Datasheet HTML 1Page - PHOENIX CONTACT 7647 Datasheet HTML 2Page - PHOENIX CONTACT 7647 Datasheet HTML 3Page - PHOENIX CONTACT 7647 Datasheet HTML 4Page - PHOENIX CONTACT 7647 Datasheet HTML 5Page - PHOENIX CONTACT 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
5
I/O supply voltage U
ANA
24 V DC
Current consumption from U
ANA
max. 100 mA
25 mA (in case of typical load of 350 Ohm per channel)
7 mA (for no-load operation without strain gauge or display)
80 mA (For a maximum load of 55 Ω and display)
Power consumption
Typ. 1.2 W (Device in nominal operation)
max. 3.2 W (Device with maximum load)
Inline potential routing / Power consumption
Voltage output
Number of outputs
2
Impedance
> 55 Ω (per channel)
Output voltage
typ. 5 V
Output current
max. 90 mA (per channel)
Short-circuit protection of the voltage outputs
Yes, at least 1 minute through temperature monitoring
Floating N/O contact
Quantity
2 (K
a1-Kb1, Ka2-Kb2)
Volume resistance
< 1 Ω (typical)
Volume resistance
5 Ω (maximum)
Typical response time
100 ms (typical)
Serial interface
Name
V.24 (RS-485) serial interface
Network
Yes
Addressing
Address 1 = Measured gross/net value
Address 2 = Measured tare value
Termination resistor
120 Ω
Transmission protocol
STX/ETX
Input channels for strain gauge
Number of inputs
2
Connection method
6 or 4-wire, twisted pair shielded cable
Characteristics
±1 mV/V, ±2 mV/V, ±3 mV/V, ±3.33 mV/V, ±4 mV/V, ±5 mV/V
Bridge difference U
d
Measuring range specified by selecting the characteristic
Bridge voltage U
0
5 V
Measured value representation
15 bits + sign bit (process data); 15 bits + sign bit and measured display value in
the ASCII character set (PCP)
Process data update
typ. 100 ms (12.5 ms, depends on the configuration)
Resolution A/D
24 bit
A/D conversion time
Typ. 100 ms (12.5 ms, depends on the configuration)
Averaging
Can be parameterized: None or using 4,16 or 32 measured values; default set-
ting: using 16 measured values
Limit frequency
0.3 Hz (with default setting)
Programming Data
ID code (hex)
DF
ID code (dec.)
223
Length code (hex)
03
Length code (dec.)
03
Process data channel
48 Bit
Input address area
6 Byte


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com