Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7647 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 7647
Description  Inline analog strain gauge input terminal,two precise inputs, 4, 6-wire connection method
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7647 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  7647 Datasheet HTML 1Page - PHOENIX CONTACT 7647 Datasheet HTML 2Page - PHOENIX CONTACT 7647 Datasheet HTML 3Page - PHOENIX CONTACT 7647 Datasheet HTML 4Page - PHOENIX CONTACT 7647 Datasheet HTML 5Page - PHOENIX CONTACT 7647 Datasheet HTML 6Page - PHOENIX CONTACT 7647 Datasheet HTML 7Page - PHOENIX CONTACT 7647 Datasheet HTML 8Page - PHOENIX CONTACT 7647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
IB IL SGI 2/P-PAC
7647_en_04
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs. / Pkt.
Inline analog strain gauge input terminal, complete with accessories (con-
nector and labeling field), two precise inputs, 4, 6-conductor connection
method
IB IL SGI 2/P-PAC
2884907
1
3Ordering data
Accessories
Type
Order No.
Pcs. / Pkt.
Inline shield connector (Plug/Adapter)
IB IL SCN-6 SHIELD
2726353
5
Connector, for digital 1, 2 or 8-channel Inline terminals (Plug/Adapter)
IB IL SCN-8
2726337
10
Labeling field, width: 12.2 mm (Marking)
IB IL FIELD 2
2727501
10
Insert strip, Sheet, white, Unlabeled, Can be labeled with: Office-Drucksys-
teme, Plotter: Laser printer, Mounting type: Insert, Lettering field: 62 x 10
mm (Marking)
ESL 62X10
0809492
1
Shield connection clamp, for shield on busbars, contact resistance < 1
mOhm (Assembly)
SK 8
3025163
10
Shield connection clamp, for shield on busbars, contact resistance < 1
mOhm (Assembly)
SK 14
3025176
10
Shield connection clamp, for shield on busbars, contact resistance < 1
mOhm (Assembly)
SK 20
3025189
10
Shield connection clamp, for shield on busbars, contact resistance < 1
mOhm (Assembly)
SK 35
3026463
10
Support for busbars (Assembly)
AB-SK
3025341
10
Support, Length: 95.5 mm, Width: 6.2 mm, Color: gray (Assembly)
AB-SK 65
3026489
10
Support, Length: 10 mm, Width: 56 mm, Height: 20 mm, Color: silver (As-
sembly)
AB-SK/E
3026476
10
PEN conductor busbar, 3mm x 10 mm, length: 1000 mm (Assembly)
NLS-CU 3/10 SN 1000MM
0402174
10
Power terminal block, Connection method Screw connection, Load current
: 41 A, Cross section:  0.5 mm² - 6 mm², Width: 7 mm, Color: silver
AK 4
0404017
50
Connection terminal block, Connection method Screw connection, Load
current : 41 A, Cross section:  0.5 mm² - 6 mm², Width: 7 mm,
Color: green-yellow
AKG 4 GNYE
0421029
50
Connection terminal block, Connection method Screw connection, Load
current : 41 A, Cross section:  0.5 mm² - 6 mm², Width: 7 mm, Color: black
AKG 4 BK
0421032
50
Software CD for FDT container for integrating device DTMs (free down-
load)
AX+ BASIC
2985068
1
DTM library
AX DTM LIB
2988065
1
Documentation
Type
Order No.
Pcs. / Pkt.
User manual, English, Automation terminals of the Inline product range
IL SYS INST UM E
-
-
Application note, English, Inline terminals for use in zone 2 potentially ex-
plosive areas
AH EN IL EX ZONE 2
-
-
User manual, English, for the Peripherals Communication Protocol (PCP),
only available as a download.
IBS SYS PCP G4 UM E
2745169
1
User manual, English, Porting using PCP compact
IBS PCP COMPACT UM E
-
-


Similar Part No. - 7647

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
76471E3 VISHAY-76471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 7647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
7210 PHOENIX-7210 Datasheet
385Kb / 22P
Inline terminal with two fast analog input channels for connecting strain gauges
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com