Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3819 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3819
Description  JEET VHF/UHF Amplifier N-channel-Depletion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3819 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3819 Datasheet HTML 1Page - ON Semiconductor 2N3819 Datasheet HTML 2Page - ON Semiconductor 2N3819 Datasheet HTML 3Page - ON Semiconductor 2N3819 Datasheet HTML 4Page - ON Semiconductor 2N3819 Datasheet HTML 5Page - ON Semiconductor 2N3819 Datasheet HTML 6Page - ON Semiconductor 2N3819 Datasheet HTML 7Page - ON Semiconductor 2N3819 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N3819
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate–Source Breakdown Voltage
(IG = 1.0 µAdc, VDS = 0)
V(BR)GSS
25
Vdc
Gate–Source
(VDS = 15 Vdc, ID = 200 µAdc)
VGS
0.5
7.5
Vdc
Gate–Source Cutoff Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
VGS(off)
–8.0
Vdc
Gate Reverse Current
(VGS = 15 Vdc, VDS = 0)
IGSS
210
nAdc
ON CHARACTERISTICS
Zero–Gate–Voltage Drain Current
(VDS = 15 Vdc, VGS = 0)
IDSS
2.0
20
mAdc
SMALL–SIGNAL CHARACTERISTICS
Forward Transfer Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
Yfs
3.0
6.5
mmhos
Output Admittance
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
Yos
40
mmhos
Forward Transfer Admittance
(VDS = 15 Vdc, VGS = 0, f = 200 MHz)
Yfs
5.6
mmhos
Reverse Transfer Admittance
(VDS = 15 Vdc, VGS = 0, f = 200 MHz)
Yrs
1.0
mmhos
Input Capacitance
(VDS = 20 Vdc, –VGS = 1.0 Vdc)
Ciss
3.0
pF
Reverse Transfer Capacitance
(VDS = 20 Vdc, –VGS = 1.0 Vdc, f = 1.0 MHz)
Crss
0.7
pF
Output Capacitance
(VDS = 20 Vdc, –VGS = 1.0 Vdc, f = 1.0 MHz)
Coss
0.9
pF
Cut–off Frequency (Note 1)
(VDS = 15 Vdc, VGS = 0)
F(Yfs)
700
MHz
1. The frequency at which gfs is 0.7 of its value at 1 kHz.


Similar Part No. - 2N3819

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
   N-channel J-FET
October 1990
logo
Fairchild Semiconductor
2N3819 FAIRCHILD-2N3819 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
2N3819 VISHAY-2N3819 Datasheet
46Kb / 5P
   N-Channel JFET
Rev. D ,04-Jun-01
logo
List of Unclassifed Man...
2N3819 ETC1-2N3819 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Fairchild Semiconductor
2N3819 FAIRCHILD-2N3819 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
More results

Similar Description - 2N3819

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFW10 MOTOROLA-BFW10 Datasheet
71Kb / 2P
   VHF/UHF Amplifier(N-Channel, Depletion)
BF256 MOTOROLA-BF256 Datasheet
36Kb / 1P
   VHF/UHF Amplifier(N-Channel, Depletion)
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
ON Semiconductor
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
MMBFJ309L ONSEMI-MMBFJ309L_V01 Datasheet
187Kb / 6P
   JFET - VHF/UHF Amplifier Transistor N−Channel
October, 2016 - Rev. 8
MMBF4416LT1 ONSEMI-MMBF4416LT1_06 Datasheet
149Kb / 6P
   JFET VHF/UHF Amplifier Transistor N-Channel
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com