Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70V657S12DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 9Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 11Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 12Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 13Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 14Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
3. To access RAM, CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. These values are valid regardless of the power supply level selected for I/O and control signals (3.3V/2.5V). See page 6 for details.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
70V659/58/57S10
Com'l Only
70V659/58/57S12
Com'l
& Ind
70V659/58/57S15
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACE
Chip Enable Access Time(3)
____
10
____
12
____
15
ns
tABE
Byte Enable Access Time(3)
____
5
____
6
____
7ns
tAOE
Output Enable Access Time
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
04
06
08
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
10
____
10
____
15
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)
____
4
____
6
____
8ns
tSAA
Semaphore Address Access Time
3
10
3
12
3
20
ns
4869 tbl 12
Symbol
Parameter
70V659/58/57S10
Com'l Only
70V659/58/57S12
Com'l
& Ind
70V659/58/57S15
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tEW
Chip Enable to End-of-Write(3)
8
____
10
____
12
____
ns
tAW
Address Valid to End-of-Write
8
____
10
____
12
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
10
____
12
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
8
____
10
____
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
4
____
4
____
4ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
ns
4869 tbl 13


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com